Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCOM Datasheet(PDF) 34 Page - STMicroelectronics

Part # STCOM
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STCOM Datasheet HTML 30Page - STMicroelectronics STCOM Datasheet HTML 31Page - STMicroelectronics STCOM Datasheet HTML 32Page - STMicroelectronics STCOM Datasheet HTML 33Page - STMicroelectronics STCOM Datasheet HTML 34Page - STMicroelectronics STCOM Datasheet HTML 35Page - STMicroelectronics STCOM Datasheet HTML 36Page - STMicroelectronics STCOM Datasheet HTML 37Page - STMicroelectronics STCOM Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
Pinout and pin description
STCOM
34/58
DocID028515 Rev 1
66
GPIO10_5
D
I/O
I
General purpose I/O, USART4_RXD, AT0_CH_2,
SPI2_MISO, I2C0_SCL
67
GPIO10_4
D
I/O
I
General purpose I/O, USART4_CTS, AT0_CH_3,
SPI2_MOSI, I2C0_SDA
68
GPIO10_3
D
I/O
I
General purpose I/O, USART4_RTS, AT0_CH_4,
USART3_CTS, I2C2_SMBA
69
GPIO10_2
D
I/O
I
General purpose I/O, AT0_CHN_1, USART3_RTS,
I2C0_SMBA
70
GPIO10_1
D
I/O
I
General purpose I/O, AT0_CHN_2, USART3_RXD
71
GPIO10_0
D
I/O
I
General purpose I/O, AT0_CHN_3, USART3_TXD
72
DVDD_3 V3_REG
S
I
I
3.3 V input for the 1.2 V regulator
73
DVDD_1V2
S
I/O
I/O
1.2 V regulator output / external supply input
74
RESETn
D
I/OD
I/OD
Reset input, open drain output - active low
75
GPIO09_7
D
I/O
I
General purpose I/O, AT0_ETR, ETM_SWO, SPI4_SCLK
76
GPIO09_6
D
I/O
I
General purpose I/O, USART3_SCLK, ETM_DATA_3,
SPI4_MISO
77
GPIO09_5
D
I/O
I
General purpose I/O, ETM_DATA_2, SPI4_MOSI
78
GPIO09_4
D
I/O
I
General purpose I/O, ETM_DATA_1, SPI4_SSn
79
GPIO09_3
D
I/O
I
General purpose I/O, ETM_DATA_0, USART2_CTS
80
GPIO09_2
D
I/O
I
General purpose I/O, ETM_CLKOUT, USART2_RTS
81
GPIO09_1
D
I/O
I
General purpose I/O, CAN1_RX, USART2_RXD
82
GPIO09_0
D
I/O
I
General purpose I/O, CAN1_TX, USART2_TXD
83
DVDD_3 V3_IO
S
I
I
I/O 3.3 V supply
84
N. C.
-
-
-
Not connected
85
N. C.
-
-
-
Not connected
86
N. C.
-
-
-
Not connected
87
N. C.
-
-
-
Not connected
88
N. C.
-
-
-
Not connected
89
N. C.
-
-
-
Not connected
90
N. C.
-
-
-
Not connected
91
N. C.
-
-
-
Not connected
92
N. C.
-
-
-
Not connected
93
N. C.
-
-
-
Not connected
94
N. C.
-
-
-
Not connected
95
N. C.
-
-
-
Not connected
96
RTC_TAMPB
D
I/O
I
Tamper input B, RTC clock output
Table 7. Pin description (continued)
Pin
Pin name
Type(1) Dir.(2) RS(3)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com