Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCOM Datasheet(PDF) 20 Page - STMicroelectronics

Part # STCOM
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STCOM Datasheet HTML 16Page - STMicroelectronics STCOM Datasheet HTML 17Page - STMicroelectronics STCOM Datasheet HTML 18Page - STMicroelectronics STCOM Datasheet HTML 19Page - STMicroelectronics STCOM Datasheet HTML 20Page - STMicroelectronics STCOM Datasheet HTML 21Page - STMicroelectronics STCOM Datasheet HTML 22Page - STMicroelectronics STCOM Datasheet HTML 23Page - STMicroelectronics STCOM Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
Description
STCOM
20/58
DocID028515 Rev 1
1.6
Memories
1.6.1
Embedded Flash memory
The embedded Flash has the following features:
640 kB or 1 MB of size
128-bit wide data read
64-bit data write through a double 32-bit bus write
Sector erase with possibility to suspend erase procedure in case of read access to
other flash sectors
Multiple sector erase.
Shadow sector is accessible only in some security levels (see Section 1.12: Boot modes on
page 28).
1.6.2
One-time programmable (OTP) section
The STCOM embeds a one-time programmable (OTP) section in the shadow sector of the
embedded Flash memory. During the manufacturing process, the EUI48 is stored in this
section. The user can also write its private key used during the boot process to verify and
authenticate the firmware image. This OTP section can be configured to avoid reads by
firmware in order to protect user confidential information (see Section 1.12).
Table 4. Embedded Flash sectors
Block
Name
Number
Base address
Size
Note
Main memory
B0F0
0
0x00000000
16 kB
B0F1
1
0x00004000
16 kB
B0F2
2
0x00008000
32 kB
B0F3
3
0x00010000
32 kB
B0F4
4
0x00018000
16 kB
B0F5
5
0x0001C000
16 kB
B0F6
6
0x00020000
64 kB
B0F7
7
0x00030000
64 kB
B0F8
8
0x00040000
128 kB
B0F9
9
0x00060000
128 kB
B0FA
10
0x00080000
128 kB
Not available in STCOM05
B0FB
11
0x000A0000
128 kB
Not available in STCOM05
B0FC
12
0x000C0000
128 kB
Not available in STCOM05
B0FD
13
0x000E0000
128 kB
Shadow sector
B0SH
14
0x00100000
16 kB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com