Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCOM Datasheet(PDF) 46 Page - STMicroelectronics

Part # STCOM
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STCOM Datasheet HTML 42Page - STMicroelectronics STCOM Datasheet HTML 43Page - STMicroelectronics STCOM Datasheet HTML 44Page - STMicroelectronics STCOM Datasheet HTML 45Page - STMicroelectronics STCOM Datasheet HTML 46Page - STMicroelectronics STCOM Datasheet HTML 47Page - STMicroelectronics STCOM Datasheet HTML 48Page - STMicroelectronics STCOM Datasheet HTML 49Page - STMicroelectronics STCOM Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 58 page
background image
Electrical characteristics
STCOM
46/58
DocID028515 Rev 1
Symbol
Parameter(1)
Conditions
Min.
Typ. Max. Unit
V(DVDD_3V3_IO)
Digital I/O supply voltage
3.0
3.3
3.6
V
V(DVDD_3V3_IO)_TH
Digital I/O supply voltage
turn-on threshold
2.82
V
V(DVDD_3V3_IO)_TL
Digital I/O supply voltage
turn-off threshold
2.7
V
V(DVDD_3V3_IO)_HYST
Digital I/O supply voltage
hysteresis
0.1
V
V(DVDD_3V3_REG)
1.2 V regulator input
voltage
3.3
V
V(DVDD_1V2)
1.2 V regulator output
voltage
Low power mode
1.233
V
High power mode
1.285
V
I(DVDD_1V2)
1.2 V regulator output
current
Low power mode
15
mA
High power mode
300
mA
V(DVDD_1V2)_TH
1.2 V supply voltage
turn-on threshold
Low and high power modes
1.11
V
V(DVDD_1V2)_TL
1.2 V supply voltage
turn-off threshold
Low and high power modes
1.025
V
V(DVDD_1V2)_HYST
1.2 V supply voltage
hysteresis
Low power mode
86
mV
High power mode
86
mV
1. Based on characterization, not tested in production.
2. I(5 V) = I(AVDD_5V_AFE) + I(AVDD_5V_PGA) + I(AVDD_5V_TXDRV).
Table 12. Analog supply characteristics (continued)
Table 13. Digital supply characteristics - RTE
Symbol
Parameter(1)
Conditions
Min.
Typ.
Max. Unit
I(DVDD_1V2)
1.2 V digital supply current RTE frequency = 48 MHz see(2)
29
mA
I(DVDD_1V2)
1.2 V digital supply current RTE frequency = 120 MHz see(2)
68
mA
1. Based on characterization, not tested in production.
2. The tests are performed with the following enabled digital blocks: 2 x GPT, 2 x SPI, 2 x USART, IPC, DMA, 2 x I2C, AES,
TRNG, QFS. Cortex™ frequency equals to 48 MHz and Cortex™ fetching by RAM. The value is calculated by measuring
the difference in the supply current with and without RTE enabled and running.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com