Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCOM Datasheet(PDF) 23 Page - STMicroelectronics

Part # STCOM
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STCOM Datasheet HTML 19Page - STMicroelectronics STCOM Datasheet HTML 20Page - STMicroelectronics STCOM Datasheet HTML 21Page - STMicroelectronics STCOM Datasheet HTML 22Page - STMicroelectronics STCOM Datasheet HTML 23Page - STMicroelectronics STCOM Datasheet HTML 24Page - STMicroelectronics STCOM Datasheet HTML 25Page - STMicroelectronics STCOM Datasheet HTML 26Page - STMicroelectronics STCOM Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
DocID028515 Rev 1
23/58
STCOM
Description
58
Clock management
Two external clock sources are required for the STCOM:
1.
24 MHz frequency
2.
32.768 kHz frequency
Internal clocks are generated by a quadruple frequency synthesizer (QFS) that is fed by the
24 MHz source. Digital blocks can also use the external sources as clock reference.
The clock strategy is depicted in Figure 4.
Figure 4. STCOM clock tree



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com