Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCOM Datasheet(PDF) 36 Page - STMicroelectronics

Part # STCOM
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STCOM Datasheet HTML 32Page - STMicroelectronics STCOM Datasheet HTML 33Page - STMicroelectronics STCOM Datasheet HTML 34Page - STMicroelectronics STCOM Datasheet HTML 35Page - STMicroelectronics STCOM Datasheet HTML 36Page - STMicroelectronics STCOM Datasheet HTML 37Page - STMicroelectronics STCOM Datasheet HTML 38Page - STMicroelectronics STCOM Datasheet HTML 39Page - STMicroelectronics STCOM Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
Pinout and pin description
STCOM
36/58
DocID028515 Rev 1
127
GPIO05_6
D
I/O
I
General purpose I/O, USART0_CTS
128
GPIO05_5
D
I/O
I
General purpose I/O, USART0_RTS
129
GPIO05_4
D
I/O
I
General purpose I/O, MCO1
130
DVDD_3 V3_IO
S
I
I
I/O 3.3 V supply
131
GPIO05_3
D
I/O
I
General purpose I/O, FSMC_Ebar_1
132
GPIO05_2
D
I/O
I
General purpose I/O, USART2_SCLK, FSMC_Ebar_0
133
GPIO05_1
D
I/O
I
General purpose I/O, USART2_RXD, SPI2_SSn,
FSMC_BLn_0
134
GPIO05_0
D
I/O
I
General purpose I/O, USART2_TXD, SPI2_SCLK,
FSMC_BLn_1
135
DVDD_3 V3_IO
S
I
I
I/O 3.3 V supply
136
GPIO04_7
D
I/O
I
General purpose I/O, USART2_CTS, SPI2_MISO,
FSMC_PCDA_0
137
GPIO04_6
D
I/O
I
General purpose I/O, USART2_RTS, SPI2_MOSI,
FSMC_PCDA_1, MCO1
138
GPIO04_5
D
I/O
I
General purpose I/O, FSMC_PCDA_2
139
GPIO04_4
D
I/O
I
General purpose I/O, FSMC_PCDA_3
140
GPIO04_3
D
I/O
I
General purpose I/O, FSMC_PCDA_4
141
GPIO04_2
D
I/O
I
General purpose I/O, FSMC_PCDA_5
142
GPIO04_1
D
I/O
I
General purpose I/O, FSMC_PCDA_6
143
GPIO04_0
D
I/O
I
General purpose I/O, FSMC_PCDA_7
144
GPIO03_7
D
I/O
I
General purpose I/O, SPI3_SSn, FSMC_PCDA_8
145
GPIO03_6
D
I/O
I
General purpose I/O, SPI3_SCLK, FSMC_PCDA_9
146
GPIO03_5
D
I/O
I
General purpose I/O, SPI3_MISO, FSMC_PCDA_10
147
GPIO03_4
D
I/O
I
General purpose I/O, SPI3_MOSI, FSMC_PCDA_11,
USART3_SCLK
148
GPIO03_3
D
I/O
I
General purpose I/O, SPI2_SSn, USART3_CTS,
FSMC_PCDA_12
149
GPIO03_2
D
I/O
I
General purpose I/O, SPI2_SCLK, USART3_RTS,
FSMC_PCDA_13
150
GPIO03_1
D
I/O
I
General purpose I/O, SPI2_MISO, USART3_RXD,
FSMC_PCDA_14
151
GPIO03_0
D
I/O
I
General purpose I/O, SPI2_MOSI, USART3_TXD,
FSMC_PCDA_15
152
DVDD_1V2
S
I/O
I/O
1.2 V regulator output / external supply input
153
DVDD_3 V3_REG
S
I
I
3.3 V input for the 1.2 V regulator
154
DVDD_3 V3_IO
S
I
I
I/O 3.3 V supply
155
RESERVED
-
-
-
Reserved - connect to DGND
Table 7. Pin description (continued)
Pin
Pin name
Type(1) Dir.(2) RS(3)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com