Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCOM Datasheet(PDF) 53 Page - STMicroelectronics

Part # STCOM
Description  Powerline communication and application system-on-chip
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCOM Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STCOM Datasheet HTML 49Page - STMicroelectronics STCOM Datasheet HTML 50Page - STMicroelectronics STCOM Datasheet HTML 51Page - STMicroelectronics STCOM Datasheet HTML 52Page - STMicroelectronics STCOM Datasheet HTML 53Page - STMicroelectronics STCOM Datasheet HTML 54Page - STMicroelectronics STCOM Datasheet HTML 55Page - STMicroelectronics STCOM Datasheet HTML 56Page - STMicroelectronics STCOM Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 58 page
background image
DocID028515 Rev 1
53/58
STCOM
Electrical characteristics
58
Zero crossing comparator characteristics
GPGA(PLC)
PLC PGA minimum gain
-12
dB
PLC PGA maximum gain
42
dB
GPGA(PLC)_Step PLC PGA gain step
6
dB
Table 27. PLC PGA characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Table 28. ADC characteristics
Parameter
Conditions
Min.
Typ.
Max.
Unit
ADC input range
Differential mode
5
V p-p
Resolution
12
bit
Table 29. Zero crossing characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
V(ZC_IN)
MAX
Zero crossing
Detection input
Voltage range
10
V p-p
V(ZC_IN)
TL
Zero crossing
Detection input
Low threshold
-6
mV
V(ZC_IN)
TH
Zero crossing
Detection input
High threshold
+6
mV
ZC_IN
d.c.
Zero crossing
Input duty cycle
50
%
ZC_IN delay Mains zero crossing to detection delay time
5.8
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com