Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804LCWM Datasheet(PDF) 16 Page - Texas Instruments

Part # ADC0804LCWM
Description  Analog-to-Digital Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0804LCWM Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADC0804LCWM Datasheet HTML 12Page - Texas Instruments ADC0804LCWM Datasheet HTML 13Page - Texas Instruments ADC0804LCWM Datasheet HTML 14Page - Texas Instruments ADC0804LCWM Datasheet HTML 15Page - Texas Instruments ADC0804LCWM Datasheet HTML 16Page - Texas Instruments ADC0804LCWM Datasheet HTML 17Page - Texas Instruments ADC0804LCWM Datasheet HTML 18Page - Texas Instruments ADC0804LCWM Datasheet HTML 19Page - Texas Instruments ADC0804LCWM Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
ADC0801, ADC0802, ADC0803, ADC0804, ADC0805
SNOSBI1C – NOVEMBER 2009 – REVISED JUNE 2015
www.ti.com
Application Information (continued)
Figure 23. Basic ADC Tester
For a higher speed test system, or to obtain plotted data, a digital-to-analog converter is needed for the test set-
up. An accurate 10-bit DAC can serve as the precision voltage source for the ADC. Errors of the ADC under test
can be expressed as either analog voltages or differences in 2 digital words.
A basic ADC tester that uses a DAC and provides the error as an analog output voltage is shown in Figure 35.
The 2 op amps can be eliminated if a lab DVM with a numerical subtraction feature is available to read the
difference voltage, "A–C", directly. The analog input voltage can be supplied by a low frequency ramp generator
and an X-Y plotter can be used to provide analog error (Y axis) versus analog input (X axis).
For operation with a microprocessor or a computer-based test system, it is more convenient to present the errors
digitally. This can be done with the circuit of Figure 25, where the output code transitions can be detected as the
10-bit DAC is incremented. This provides 1
⁄4 LSB steps for the 8-bit ADC under test. If the results of this test are
automatically plotted with the analog input on the X axis and the error (in LSB’s) as the Y axis, a useful transfer
function of the ADC under test results. For acceptance testing, the plot is not necessary and the testing speed
can be increased by establishing internal limits on the allowed error for each code.
9.1.2 Microprocessor Interfacing
To discuss the interface with 8080A and 6800 microprocessors, a common sample subroutine structure is used.
The microprocessor starts the ADC, reads and stores the results of 16 successive conversions, then returns to
the user’s program. The 16 data bytes are stored in 16 successive memory locations. All Data and Addresses
will be given in hexadecimal form. Software and hardware details are provided separately for each type of
microprocessor.
16
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: ADC0801 ADC0802 ADC0803 ADC0804 ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com