Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804LCWM Datasheet(PDF) 23 Page - Texas Instruments

Part # ADC0804LCWM
Description  Analog-to-Digital Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0804LCWM Datasheet(HTML) 23 Page - Texas Instruments

Back Button ADC0804LCWM Datasheet HTML 19Page - Texas Instruments ADC0804LCWM Datasheet HTML 20Page - Texas Instruments ADC0804LCWM Datasheet HTML 21Page - Texas Instruments ADC0804LCWM Datasheet HTML 22Page - Texas Instruments ADC0804LCWM Datasheet HTML 23Page - Texas Instruments ADC0804LCWM Datasheet HTML 24Page - Texas Instruments ADC0804LCWM Datasheet HTML 25Page - Texas Instruments ADC0804LCWM Datasheet HTML 26Page - Texas Instruments ADC0804LCWM Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
ADC0801, ADC0802, ADC0803, ADC0804, ADC0805
www.ti.com
SNOSBI1C – NOVEMBER 2009 – REVISED JUNE 2015
Table 2. Design Parameters
PARAMETER
EXAMPLE VALUE
ADC clock frequency, FCLK
640 KHz
Input source resistance, RIN
100
Ω
9.2.1.2 Detailed Design Procedure
9.2.1.2.1
Analog Differential Voltage Inputs and Common-Mode Rejection
This ADC has additional applications flexibility due to the analog differential voltage input. The VIN(−) input (pin 7)
can be used to automatically subtract a fixed voltage value from the input reading (tare correction). This is also
useful in 4 mA–20 mA current loop conversion. In addition, common-mode noise can be reduced by use of the
differential input.
The time interval between sampling VIN(+) and VIN(−) is 4-1/2 clock periods. The maximum error voltage due to
this slight time difference between the input voltage samples is given by:
where
•
∆Ve is the error voltage due to sampling delay
•
VP is the peak value of the common-mode voltage
•
fcm is the common-mode frequency
(1)
As an example, to keep this error to 1/4 LSB (
∼5 mV) when operating with a 60 Hz common-mode frequency,
fcm, and using a 640 kHz ADC clock, fCLK, would allow a peak value of the common-mode voltage, VP, which is
given by:
(2)
or
(3)
which gives VP–1.9 V.
The allowed range of analog input voltages usually places more severe restrictions on input common-mode noise
levels.
An analog input voltage with a reduced span and a relatively large zero offset can be handled easily by making
use of the differential input (see Reference Voltage).
9.2.1.2.2
Analog Inputs — Input Current
9.2.1.2.2.1
Input Bypass Capacitors
Bypass capacitors at the inputs will average these charges and cause a DC current to flow through the output
resistances of the analog signal sources. This charge pumping action is worse for continuous conversions with
the VIN(+) input voltage at full-scale. For continuous conversions with a 640 kHz clock frequency with the VIN(+)
input at 5V, this DC current is at a maximum of approximately 5 µA. Therefore, bypass capacitors should not be
used at the analog inputs or the VREF/2 pin for high resistance sources (> 1 kΩ). If input bypass capacitors are
necessary for noise filtering and high source resistance is desirable to minimize capacitor size, the detrimental
effects of the voltage drop across this input resistance, which is due to the average value of the input current,
can be eliminated with a full-scale adjustment while the given source resistor and input bypass capacitor are both
in place. This is possible because the average value of the input current is a precise linear function of the
differential input voltage.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: ADC0801 ADC0802 ADC0803 ADC0804 ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com