Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804LCWM Datasheet(PDF) 24 Page - Texas Instruments

Part # ADC0804LCWM
Description  Analog-to-Digital Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0804LCWM Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADC0804LCWM Datasheet HTML 20Page - Texas Instruments ADC0804LCWM Datasheet HTML 21Page - Texas Instruments ADC0804LCWM Datasheet HTML 22Page - Texas Instruments ADC0804LCWM Datasheet HTML 23Page - Texas Instruments ADC0804LCWM Datasheet HTML 24Page - Texas Instruments ADC0804LCWM Datasheet HTML 25Page - Texas Instruments ADC0804LCWM Datasheet HTML 26Page - Texas Instruments ADC0804LCWM Datasheet HTML 27Page - Texas Instruments ADC0804LCWM Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
ADC0801, ADC0802, ADC0803, ADC0804, ADC0805
SNOSBI1C – NOVEMBER 2009 – REVISED JUNE 2015
www.ti.com
9.2.1.2.2.2
Input Source Resistance
Large values of source resistance where an input bypass capacitor is not used, will not cause errors as the input
currents settle out prior to the comparison time. If a low pass filter is required in the system, use a low valued
series resistor (
≤ 1 kΩ) for a passive RC section or add an op amp RC active low pass filter. For low source
resistance applications, (
≤ 1 kΩ), a 0.1 μF bypass capacitor at the inputs will prevent noise pickup due to series
lead inductance of a long wire. A 100
Ω series resistor can be used to isolate this capacitor — both the R and C
are placed outside the feedback loop — from the output of an op amp, if used.
9.2.1.2.2.3
Noise
The leads to the analog inputs (pins 6 and 7) should be kept as short as possible to minimize input noise
coupling. Both noise and undesired digital clock coupling to these inputs can cause system errors. The source
resistance for these inputs should, in general, be kept below 5 k
Ω. Larger values of source resistance can cause
undesired system noise pickup. Input bypass capacitors, placed from the analog inputs to ground, will eliminate
system noise pickup but can create analog scale errors as these capacitors will average the transient input
switching currents of the ADC (see Analog Inputs — Input Current). This scale error depends on both a large
source resistance and the use of an input bypass capacitor. This error can be eliminated by doing a full-scale
adjustment of the ADC (adjust VREF/2 for a proper full-scale reading — see Full-Scale) with the source resistance
and input bypass capacitor in place.
Noise spikes on the VCC supply line can cause conversion errors as the comparator will respond to this noise. A
low inductance tantalum filter capacitor should be used close to the converter VCC pin and values of 1 µF or
greater are recommended. If an unregulated voltage is available in the system, a separate LM340LAZ-5.0, TO-
92, 5-V voltage regulator for the converter (and other analog circuitry) will greatly reduce digital noise on the VCC
supply.
9.2.1.2.3
Reference Voltage
9.2.1.2.3.1
Span Adjust
For maximum applications flexibility, these ADCs have been designed to accommodate a 5 VDC, 2.5 VDC or an
adjusted voltage reference. This has been achieved in the design of the IC as shown in Figure 32.
Figure 32. The VREFERENCE Design on the IC
24
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: ADC0801 ADC0802 ADC0803 ADC0804 ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com