Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804LCWM Datasheet(PDF) 37 Page - Texas Instruments

Part # ADC0804LCWM
Description  Analog-to-Digital Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0804LCWM Datasheet(HTML) 37 Page - Texas Instruments

Back Button ADC0804LCWM Datasheet HTML 33Page - Texas Instruments ADC0804LCWM Datasheet HTML 34Page - Texas Instruments ADC0804LCWM Datasheet HTML 35Page - Texas Instruments ADC0804LCWM Datasheet HTML 36Page - Texas Instruments ADC0804LCWM Datasheet HTML 37Page - Texas Instruments ADC0804LCWM Datasheet HTML 38Page - Texas Instruments ADC0804LCWM Datasheet HTML 39Page - Texas Instruments ADC0804LCWM Datasheet HTML 40Page - Texas Instruments ADC0804LCWM Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
ADC0801, ADC0802, ADC0803, ADC0804, ADC0805
www.ti.com
SNOSBI1C – NOVEMBER 2009 – REVISED JUNE 2015
NOTE: All numerical values are hexadecimal representations.
Figure 46. Software for Auto-Zeroed Differential ADC
The following notes apply:
•
It is assumed that the CPU automatically performs a RST 7 instruction when a valid interrupt is acknowledged
(CPU is in interrupt mode 1). Hence, the subroutine starting address of X0038.
•
The address bus from the Z-80 and the data bus to the Z-80 are assumed to be inverted by bus drivers.
•
ADC data and identifying words will be stored in sequential memory locations starting at the arbitrarily chosen
address X 3E00.
•
The stack pointer must be dimensioned in the main program as the RST 7 instruction automatically pushes
the PC onto the stack and the subroutine uses an additional 6 stack addresses.
•
The peripherals of concern are mapped into I/O space with the following port assignments:
Table 3. Port Assignment Where Peripherals are Mapped into I/O Space
HEX PORT ADDRESS
PERIPHERAL
HEX PORT ADDRESS
PERIPHERAL
00
MM74C374 8-bit flip-flop
04
ADC 4
01
ADC 1
05
ADC 5
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
37
Product Folder Links: ADC0801 ADC0802 ADC0803 ADC0804 ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com