Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804LCWM Datasheet(PDF) 35 Page - Texas Instruments

Part # ADC0804LCWM
Description  Analog-to-Digital Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0804LCWM Datasheet(HTML) 35 Page - Texas Instruments

Back Button ADC0804LCWM Datasheet HTML 31Page - Texas Instruments ADC0804LCWM Datasheet HTML 32Page - Texas Instruments ADC0804LCWM Datasheet HTML 33Page - Texas Instruments ADC0804LCWM Datasheet HTML 34Page - Texas Instruments ADC0804LCWM Datasheet HTML 35Page - Texas Instruments ADC0804LCWM Datasheet HTML 36Page - Texas Instruments ADC0804LCWM Datasheet HTML 37Page - Texas Instruments ADC0804LCWM Datasheet HTML 38Page - Texas Instruments ADC0804LCWM Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
ADC0801, ADC0802, ADC0803, ADC0804, ADC0805
www.ti.com
SNOSBI1C – NOVEMBER 2009 – REVISED JUNE 2015
•
Port A and the ADC0801 are at port address E4
•
Port B is at port address E5
•
Port C is at port address E6
•
PPI control word port is at port address E7
•
Program Counter automatically goes to ADDR:3C3D upon acknowledgment of an interrupt from the ADC0801
9.2.4 Multiple ADC Converters in a Z-80 Interrupt Driven Mode
In data acquisition systems where more than one ADC converter (or other peripheral device) will be interrupting
pro- gram execution of a microprocessor, there is obviously a need for the CPU to determine which device
requires servicing. Figure 47 and the accompanying software is a method of determining which of 7 ADC0801
converters has completed a conversion (INTR asserted) and is requesting an interrupt. This circuit allows starting
the ADC converters in any sequence, but will input and store valid data from the converters with a priority
sequence of ADC 1 being read first, ADC 2 second, etc., through ADC 7 which would have the lowest priority for
data being read. Only the converters whose INT is asserted will be read.
The key to decoding circuitry is the DM74LS373, 8-bit D type flip-flop. When the Z-80 acknowledges the
interrupt, the program is vectored to a data input Z-80 subroutine. This subroutine will read a peripheral status
word from the DM74LS373 which contains the logic state of the INTR outputs of all the converters. Each
converter which initiates an interrupt will place a logic "0" in a unique bit position in the status word and the
subroutine will determine the identity of the converter and execute a data read. An identifier word (which
indicates which ADC the data came from) is stored in the next sequential memory location above the location of
the data so the program can keep track of the identity of the data entered.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: ADC0801 ADC0802 ADC0803 ADC0804 ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com