Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804LCWM Datasheet(PDF) 28 Page - Texas Instruments

Part # ADC0804LCWM
Description  Analog-to-Digital Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0804LCWM Datasheet(HTML) 28 Page - Texas Instruments

Back Button ADC0804LCWM Datasheet HTML 24Page - Texas Instruments ADC0804LCWM Datasheet HTML 25Page - Texas Instruments ADC0804LCWM Datasheet HTML 26Page - Texas Instruments ADC0804LCWM Datasheet HTML 27Page - Texas Instruments ADC0804LCWM Datasheet HTML 28Page - Texas Instruments ADC0804LCWM Datasheet HTML 29Page - Texas Instruments ADC0804LCWM Datasheet HTML 30Page - Texas Instruments ADC0804LCWM Datasheet HTML 31Page - Texas Instruments ADC0804LCWM Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
ADC0801, ADC0802, ADC0803, ADC0804, ADC0805
SNOSBI1C – NOVEMBER 2009 – REVISED JUNE 2015
www.ti.com
9.2.1.2.6
Restart During a Conversion
If the ADC is restarted (CS and WR go low and return high) during a conversion, the converter is reset and a
new conversion is started. The output data latch is not updated if the conversion in process is not allowed to be
completed, therefore the data of the previous conversion remains in this latch. The INTR output simply remains
at the “1” level.
9.2.1.2.7
Continuous Conversions
For operation in the free-running mode an initializing pulse should be used, following power up, to ensure circuit
operation. In this application, the CS input is grounded and the WR input is tied to the INTR output. This WR and
INTR node should be momentarily forced to logic low following a power-up cycle to ensure operation.
9.2.1.2.8
Driving the Data Bus
This MOS ADC, like MOS microprocessors and memories, will require a bus driver when the total capacitance of
the data bus gets large. Other circuitry, which is tied to the data bus, will add to the total capacitive loading, even
in Tri-state (high impedance mode). Backplane bussing also greatly adds to the stray capacitance of the data
bus.
There are some alternatives available to the designer to handle this problem. Basically, the capacitive loading of
the data bus slows down the response time, even though DC specifications are still met. For systems operating
with a relatively slow CPU clock frequency, more time is available in which to establish proper logic levels on the
bus and therefore higher capacitive loads can be driven (see typical characteristics curves).
At higher CPU clock frequencies time can be extended for I/O reads (and/or writes) by inserting wait states
(8080) or using clock extending circuits (6800).
Finally, if time is short and capacitive loading is high, external bus drivers must be used. These can be Tri-state
buffers (low power Schottky such as the DM74LS240 series is recommended) or special higher drive current
products which are designed as bus drivers. High current bipolar bus drivers with PNP inputs are recommended.
9.2.1.2.9
Wiring and Hook-Up Precautions
Standard digital wire wrap sockets are not satisfactory for breadboarding this ADC converter. Sockets on PCBs
can be used and all logic signal wires and leads should be grouped and kept as far away as possible from the
analog signal leads. Exposed leads to the analog inputs can cause undesired digital noise and hum pickup,
therefore shielded leads may be necessary in many applications.
A single point analog ground that is separate from the logic ground points should be used. The power supply
bypass capacitor and the self-clocking capacitor (if used) should both be returned to digital ground. Any VREF/2
bypass capacitors, analog input filter capacitors, or input signal shielding should be returned to the analog
ground point. A test for proper grounding is to measure the zero error of the ADC converter. Zero errors in
excess of 1/4 LSB can usually be traced to improper board layout and wiring (see Zero Error for measuring the
zero error).
9.2.2 Multiple ADC0801 Series to MC6800 CPU Interface
To transfer analog data from several channels to a single microprocessor system, a multiple converter scheme
presents several advantages over the conventional multiplexer single-converter approach. With the ADC0801
series, the differential inputs allow individual span adjustment for each channel. Furthermore, all analog input
channels are sensed simultaneously, which essentially divides the total system servicing time of the
microprocessor by the number of channels, because all conversions occur simultaneously. This scheme is
shown in Figure 40.
28
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: ADC0801 ADC0802 ADC0803 ADC0804 ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com