Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804LCWM Datasheet(PDF) 6 Page - Texas Instruments

Part # ADC0804LCWM
Description  Analog-to-Digital Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0804LCWM Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADC0804LCWM Datasheet HTML 2Page - Texas Instruments ADC0804LCWM Datasheet HTML 3Page - Texas Instruments ADC0804LCWM Datasheet HTML 4Page - Texas Instruments ADC0804LCWM Datasheet HTML 5Page - Texas Instruments ADC0804LCWM Datasheet HTML 6Page - Texas Instruments ADC0804LCWM Datasheet HTML 7Page - Texas Instruments ADC0804LCWM Datasheet HTML 8Page - Texas Instruments ADC0804LCWM Datasheet HTML 9Page - Texas Instruments ADC0804LCWM Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
ADC0801, ADC0802, ADC0803, ADC0804, ADC0805
SNOSBI1C – NOVEMBER 2009 – REVISED JUNE 2015
www.ti.com
AC Electrical Characteristics (continued)
The following specifications apply for VCC=5 VDC and TMIN≤ TA≤TMAX (unless otherwise specified)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tW(WR)
Width of WR Input (Start Pulse Width)
CS = 0 VDC (3)
100
L
Access Time (Delay from Falling Edge of RD to
tACC
CL = 100 pF
135
200
Output Data Valid)
ns
t1H,
Tri-State Control (Delay from Rising Edge of RD
CL = 10 pF, RL = 10k (See Tri-State
125
200
t0H
to Hi-Z State)
Test Circuits and Waveforms)
Delay from Falling Edge of WR or RD to Reset
tWI, tRI
300
450
of INTR
CIN
Input Capacitance of Logic Control Inputs
5
7.5
pF
COUT
Tri-State Output Capacitance (Data Buffers)
5
7.5
CONTROL INPUTS [Note: CLK IN (Pin 4) is the input of a Schmitt trigger circuit and is therefore specified separately]
VIN (1) Logical “1” Input Voltage (Except Pin 4 CLK IN)
VCC = 5.25 VDC
2
15
VDC
VIN (0) Logical “0” Input Voltage (Except Pin 4 CLK IN)
VCC = 4.75 VDC
0.8
IIN (1)
Logical “1” Input Current (All Inputs)
VIN = 5 VDC
0.005
1
µADC
IIN (0)
Logical “0” Input Current (All Inputs)
VIN = 0 VDC
–1
–0.005
CLOCK IN AND CLOCK R
VT+
CLK IN (Pin 4) Positive Going Threshold Voltage
2.7
3.1
3.5
CLK IN (Pin 4) Negative Going Threshold
VT−
1.5
1.8
2.1
Voltage
VH
CLK IN (Pin 4) Hysteresis (VT+)–(VT−)
0.6
1.3
2
VDC
VOUT
Logical “0” CLK R Output Voltage
IO = 360 µA, VCC = 4.75 VDC
0.4
(0)
VOUT
Logical “1” CLK R Output Voltage
IO = −360 µA, VCC = 4.75 VDC
2.4
(1)
DATA OUTPUTS AND INTR
Data Outputs
IOUT = 1.6 mA, VCC = 4.75 VDC
0.4
VOUT
Logical “0” Output
(0)
Voltage
INTR Output
IOUT = 1.0 mA, VCC = 4.75 VDC
0.4
VDC
IO = −360 µA, VCC = 4.75 VDC
2.4
VOUT
Logical “1” Output Voltage
(1)
IO = −10 µA, VCC = 4.75 VDC
4.5
VOUT = 0 VDC
–3
Tri-State Disabled Output Leakage (All Data
IOUT
µADC
Buffers)
VOUT = 5 VDC
3
ISOURC
VOUT Short to GND, TA = 2 5°C
4.5
6
E
mADC
ISINK
VOUT Short to VCC, TA = 25°C
9
16
POWER SUPPLY
Supply Current
ADC0801/02/03/04LCJ/05
1.1
1.8
fCLK = 640 kHz, VREF/2 = NC,
ICC
(Includes Ladder
mA
TA = 25°C and CS = 5 V
ADC0804LCN/LCWM
1.9
2.5
Current)
(3)
The CS input is assumed to bracket the WR strobe input and therefore timing is dependent on the WR pulse width. An arbitrarily wide
pulse width will hold the converter in a reset mode and the start of conversion is initiated by the low to high transition of the WR pulse.
6
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: ADC0801 ADC0802 ADC0803 ADC0804 ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com