Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804LCWM Datasheet(PDF) 42 Page - Texas Instruments

Part # ADC0804LCWM
Description  Analog-to-Digital Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0804LCWM Datasheet(HTML) 42 Page - Texas Instruments

Back Button ADC0804LCWM Datasheet HTML 38Page - Texas Instruments ADC0804LCWM Datasheet HTML 39Page - Texas Instruments ADC0804LCWM Datasheet HTML 40Page - Texas Instruments ADC0804LCWM Datasheet HTML 41Page - Texas Instruments ADC0804LCWM Datasheet HTML 42Page - Texas Instruments ADC0804LCWM Datasheet HTML 43Page - Texas Instruments ADC0804LCWM Datasheet HTML 44Page - Texas Instruments ADC0804LCWM Datasheet HTML 45Page - Texas Instruments ADC0804LCWM Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
ADC0801, ADC0802, ADC0803, ADC0804, ADC0805
SNOSBI1C – NOVEMBER 2009 – REVISED JUNE 2015
www.ti.com
System Examples (continued)
VREF/2=128 mV; 1 LSB =1 mV; VDAC ≤ VIN ≤ (VDAC + 256 mV); 0 ≤
VDAC < 2.5 V
Figure 56. 1-mV Resolution With µP-Controlled
Figure 57. Digitizing a Current Flow
Range
*After power up, a momentary grounding of the WR input is needed
to ensure operation.
* Use a large R value to reduce loading at CLK R output.
Figure 58. Self-Clocking Multiple ADCs
Figure 59. Self-Clocking in Free-Running Mode
42
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: ADC0801 ADC0802 ADC0803 ADC0804 ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com