Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804LCWM Datasheet(PDF) 12 Page - Texas Instruments

Part # ADC0804LCWM
Description  Analog-to-Digital Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0804LCWM Datasheet(HTML) 12 Page - Texas Instruments

Back Button ADC0804LCWM Datasheet HTML 8Page - Texas Instruments ADC0804LCWM Datasheet HTML 9Page - Texas Instruments ADC0804LCWM Datasheet HTML 10Page - Texas Instruments ADC0804LCWM Datasheet HTML 11Page - Texas Instruments ADC0804LCWM Datasheet HTML 12Page - Texas Instruments ADC0804LCWM Datasheet HTML 13Page - Texas Instruments ADC0804LCWM Datasheet HTML 14Page - Texas Instruments ADC0804LCWM Datasheet HTML 15Page - Texas Instruments ADC0804LCWM Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
ADC0801, ADC0802, ADC0803, ADC0804, ADC0805
SNOSBI1C – NOVEMBER 2009 – REVISED JUNE 2015
www.ti.com
8.2 Functional Block Diagram
(1)
CS shown twice for clarity.
(2)
SAR = Successive Approximation Register.
8.3 Feature Description
8.3.1 Understanding ADC Error Specs
A perfect ADC transfer characteristic (staircase waveform) is shown in Figure 16 and Figure 17. The horizontal
scale is analog input voltage and the particular points labeled are in steps of 1 LSB (19.53 mV with 2.5V tied to
the VREF/2 pin). The digital output codes that correspond to these inputs are shown as D
−1, D, and D+1. For
the perfect ADC, not only will center- value (A
−1, A, A+1, . . . . ) analog inputs produce the cor- rect output digital
codes, but also each riser (the transitions between adjacent output codes) will be located ±1
⁄2 LSB away from
each center-value. As shown, the risers are ideal and have no width. Correct digital output codes will be provided
for a range of analog input voltages that extend ±1
⁄2 LSB from the ideal center-values. Each tread (the range of
analog input voltage that provides the same digital output code) is therefore 1 LSB wide.
Figure 19 shows a worst case error plot for the ADC0801. All center-valued inputs are guaranteed to produce the
correct output codes and the adjacent risers are specified to be no closer to the center-value points than ±1/4
LSB. In other words, if we apply an analog input equal to the center-value ±1/4 LSB, we guarantee that the ADC
will produce the correct digital code. The maximum range of the position of the code transition is indicated by the
horizontal arrow and it is specified to be no more than 1/2 LSB.
The error curve of Figure 21 shows a worst case error plot for the ADC0802. Here we guarantee that if we apply
an analog input equal to the LSB analog voltage center-value the ADC will produce the correct digital code.
12
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: ADC0801 ADC0802 ADC0803 ADC0804 ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com