Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804LCWM Datasheet(PDF) 14 Page - Texas Instruments

Part # ADC0804LCWM
Description  Analog-to-Digital Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0804LCWM Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADC0804LCWM Datasheet HTML 10Page - Texas Instruments ADC0804LCWM Datasheet HTML 11Page - Texas Instruments ADC0804LCWM Datasheet HTML 12Page - Texas Instruments ADC0804LCWM Datasheet HTML 13Page - Texas Instruments ADC0804LCWM Datasheet HTML 14Page - Texas Instruments ADC0804LCWM Datasheet HTML 15Page - Texas Instruments ADC0804LCWM Datasheet HTML 16Page - Texas Instruments ADC0804LCWM Datasheet HTML 17Page - Texas Instruments ADC0804LCWM Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
ADC0801, ADC0802, ADC0803, ADC0804, ADC0805
SNOSBI1C – NOVEMBER 2009 – REVISED JUNE 2015
www.ti.com
Feature Description (continued)
8.3.2 Digital Control Inputs
The digital control inputs (CS, RD, and WR) meet standard TLL logic voltage levels. These signals have been
renamed when compared to the standard ADC Start and Output Enable labels. In addition, these inputs are
active low to allow an easy interface to microprocessor control busses. For non-microprocessor based
applications, the CS input (pin 1) can be grounded and the standard ADC Start function is obtained by an active
low pulse applied at the WR input (pin 3) and the Output Enable function is caused by an active low pull at the
RD input (pin 2).
8.4 Device Functional Modes
8.4.1 Analog Input Modes
8.4.1.1 Normal Mode
Due to the internal switching action, displacement currents will flow at the analog inputs. This is due to on-chip
stray capacitance to ground as shown in Figure 22.
rON of SW 1 and SW 2.5 kΩ
r=rON CSTRAY × 5 kΩ x 12 pF = 60 ns
Figure 22. Analog Input Impedance
The voltage on this capacitance is switched and will result in currents entering the VIN(+) input pin and leaving
the VIN(−) input which will depend on the analog differential input voltage levels. These current transients occur
at the leading edge of the internal clocks. They rapidly decay and do not cause errors as the on-chip comparator
is strobed at the end of the clock period.
8.4.1.2 Fault Mode
If the voltage source applied to the VIN(+) or VIN(−) pin exceeds the allowed operating range of VCC+50 mV, large
input currents can flow through a parasitic diode to the VCC pin. If these currents can exceed the 1 mA max
allowed spec, an external diode (1N914) should be added to bypass this current to the VCC pin (with the current
bypassed with this diode, the voltage at the VIN(+) pin can exceed the VCC voltage by the forward voltage of this
diode).
14
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: ADC0801 ADC0802 ADC0803 ADC0804 ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com