Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0804LCWM Datasheet(PDF) 15 Page - Texas Instruments

Part # ADC0804LCWM
Description  Analog-to-Digital Converters
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0804LCWM Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADC0804LCWM Datasheet HTML 11Page - Texas Instruments ADC0804LCWM Datasheet HTML 12Page - Texas Instruments ADC0804LCWM Datasheet HTML 13Page - Texas Instruments ADC0804LCWM Datasheet HTML 14Page - Texas Instruments ADC0804LCWM Datasheet HTML 15Page - Texas Instruments ADC0804LCWM Datasheet HTML 16Page - Texas Instruments ADC0804LCWM Datasheet HTML 17Page - Texas Instruments ADC0804LCWM Datasheet HTML 18Page - Texas Instruments ADC0804LCWM Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
ADC0801, ADC0802, ADC0803, ADC0804, ADC0805
www.ti.com
SNOSBI1C – NOVEMBER 2009 – REVISED JUNE 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The following sections give example circuits and suggestions for using the ADC080X in typical application
situation with a typical 8-bit micro-processor.
9.1.1 Testing the ADC Converter
There are many degrees of complexity associated with testing an ADC converter. One of the simplest tests is to
apply a known analog input voltage to the converter and use LEDs to display the resulting digital output code as
shown in Figure 23.
For ease of testing, the VREF/2 (pin 9) should be supplied with 2.560 VDC and a VCC supply voltage of 5.12 VDC
should be used. This provides an LSB value of 20 mV.
If a full-scale adjustment is to be made, an analog input voltage of 5.090 VDC (5.120–1/⁄2 LSB) should be applied
to the VIN(+) pin with the VIN(−) pin grounded. The value of the VREF/2 input voltage should then be adjusted until
the digital output code is just changing from 1111 1110 to 1111 1111. This value of VREF/2 should then be used
for all the tests.
The digital output LED display can be decoded by dividing the 8 bits into 2 hex characters, the 4 most significant
(MS) and the 4 least significant (LS). Table 1 shows the fractional binary equivalent of these two 4-bit groups. By
adding the voltages obtained from the "VM" and "VLS" columns in Table 1, the nominal value of the digital
display (when VREF/2 = 2.560V) can be determined. For example, for an output LED display of 1011 0110 or B6
(in hex), the voltage values from the table are 3.520 + 0.120 or 3.640 VDC. These voltage values represent the
center-values of a perfect ADC converter. The effects of quantization error have to be accounted for in the
interpretation of the test results.
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: ADC0801 ADC0802 ADC0803 ADC0804 ADC0805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com