Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH26LS Datasheet(PDF) 7 Page - STMicroelectronics

Part # LNBH26LS
Description  Dual LNBS supply and control IC with step-up and IC interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26LS Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LNBH26LS Datasheet HTML 3Page - STMicroelectronics LNBH26LS Datasheet HTML 4Page - STMicroelectronics LNBH26LS Datasheet HTML 5Page - STMicroelectronics LNBH26LS Datasheet HTML 6Page - STMicroelectronics LNBH26LS Datasheet HTML 7Page - STMicroelectronics LNBH26LS Datasheet HTML 8Page - STMicroelectronics LNBH26LS Datasheet HTML 9Page - STMicroelectronics LNBH26LS Datasheet HTML 10Page - STMicroelectronics LNBH26LS Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
LNBH26LS
Application information (valid for each section
A/B)
DocID025504 Rev 1
7/33
2
Application information (valid for each section A/B)
This IC has a built-in DC-DC step-up converter that, from a single source (8 V to 16 V),
generates the voltages (VUP) that let the integrated LDO post-regulator (generating the 13
V/18 V LNB output voltages plus the 22 kHz DiSEqC tone) work with a minimum dissipated
power of 0.5 W typ. @ 500 mA load (the LDO drop voltage is internally kept at VUP - VOUT =
1 V typ.). The IC is also provided with an undervoltage lockout circuit that disables the
whole circuit when the supplied VCC drops below a fixed threshold (4.7 V typically). The
step-up converter soft-start function reduces the in-rush current during startup. The SS time
is internally fixed at 4 ms typ. to switch from 0 to 13 V and 6 ms typ. to switch from 0 to 18
V.
2.1
DISEQC™ data encoding (DSQIN pin)
The internal 22 kHz tone generator
is factory trimmed in accordance with the DiSEqC™
standards, and can be activated in 3 different ways:
1) By an external 22 kHz source DiSEqC™ data connected to the DSQIN logic pin (TTL
compatible). In this case the I²C tone control bits must be set: EXTM=TEN=1.
2) By an external DiSEqC™ data envelope source connected to the DSQIN logic pin. In
this case the I²C tone control bits must be set: EXTM=0 and TEN=1.
3) Through the TEN I²C bit if the 22 kHz presence is requested in continuous mode. In this
case t
he DSQIN TTL pin must be pulled high and the EXTM bit set to “0”.
2.2
Data encoding by external 22 kHz tone TTL signal
In order to improve design flexibility, an external tone signal can be input to the DSQIN pin
by setting the EXTM bit to “1”.
The DSQIN is a logic input pin which activates the 22 kHz tone to the VOUT pin, by using the
LNBH26LS integrated tone generator.
The output tone waveforms are internally controlled by the LNBH26LS tone generator in
terms of rise/fall time and tone amplitude, while, the external 22 kHz signal on the DSQIN
pin is used to define the frequency and the duty cycle of the output tone. A TTL compatible
22 kHz signal is required for the proper control of the DSQIN pin function. Before sending
the TTL signal on the DSQIN pin, the EXTM and TEN bits must be previously set to “1”. As
soon as the DSQIN internal circuit detects the 22 kHz TTL external signal code, the
LNBH26LS activates the 22 kHz tone on the VOUT output with about 1 µs delay from TTL
signal activation, and it stops with about 60 µs delay after the 22 kHz TTL signal on DSQIN
has expired. Refer to Figure 2: "Tone enable and disable timing (using an external
waveform)".
Figure 2: Tone enable and disable timing (using an external waveform)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com