Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH26LS Datasheet(PDF) 9 Page - STMicroelectronics

Part # LNBH26LS
Description  Dual LNBS supply and control IC with step-up and IC interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26LS Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LNBH26LS Datasheet HTML 5Page - STMicroelectronics LNBH26LS Datasheet HTML 6Page - STMicroelectronics LNBH26LS Datasheet HTML 7Page - STMicroelectronics LNBH26LS Datasheet HTML 8Page - STMicroelectronics LNBH26LS Datasheet HTML 9Page - STMicroelectronics LNBH26LS Datasheet HTML 10Page - STMicroelectronics LNBH26LS Datasheet HTML 11Page - STMicroelectronics LNBH26LS Datasheet HTML 12Page - STMicroelectronics LNBH26LS Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
LNBH26LS
Application information (valid for each section
A/B)
DocID025504 Rev 1
9/33
A, OLF-B). One bit is dedicated to the input voltage power not good function (PNG). Once
the OTF bit (or OLF-A, OLF-
B or PNG) has been activated (set to “1”), it is latched to “1”
until the relevant cause is removed and a new register reading operation is performed.
2.7
Surge protection and TVS diodes
Each LNBH26LS device section is directly connected to the antenna cable in a set-top box.
Atmospheric phenomenon can cause high voltage discharges on the antenna cable
causing damage to the attached devices. Surge pulses occur due to direct or indirect
lightning strikes to an external (outdoor) circuit. This leads to currents or electromagnetic
fields causing high voltage or current transients. Transient voltage suppressor (TVS)
devices are usually placed, as shown in the following schematic, to protect each section of
STB output circuits where the LNBH26LS and other devices are electrically connected to
the antenna cable.
Figure 4: Surge protection circuit
For this purpose the use of LNBTVSxx surge protection diodes specifically designed by ST
is recommended. The selection of the LNBTVS diode should be made based on the
maximum peak power dissipation that the diode is capable of supporting (see the LNBTVS
datasheet for further details).
2.8
Power-on I²C interface reset and undervoltage lockout
The I²C interface built into the LNBH26LS is automatically reset at power-on. As long as
the VCC stays below the undervoltage lockout (UVLO) threshold (4.7 V typ.), the interface
does not respond to any I²C command and all data register bits are initialized to zeroes,
therefore keeping the power blocks disabled. Once the VCC rises above 4.8 V typ., the I²C
interface becomes operative and the DATA registers can be configured by the main
microprocessor.
2.9
PNG: input voltage minimum detection
When the input voltage (VCC pin) is lower than LPD (low power diagnostic) minimum
thresholds, the PNG I²C bit is set to “1”. Refer to the Table 14: "I²C electrical
characteristics" for threshold details.
2.10
COMP: boost capacitors and inductor
The DC-DC converter compensation loop can be optimized in order to properly work with
both ceramic and electrolytic capacitors (VUP pin). For this purpose, one I²C bit in the DATA
4 register (see COMP not found) can be set to “1” or “0” as follows:
COMP = 0 for electrolytic capacitors
COMP = 1 for ceramic capacitors
GIPD1311131146LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com