Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH26LS Datasheet(PDF) 13 Page - STMicroelectronics

Part # LNBH26LS
Description  Dual LNBS supply and control IC with step-up and IC interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26LS Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LNBH26LS Datasheet HTML 9Page - STMicroelectronics LNBH26LS Datasheet HTML 10Page - STMicroelectronics LNBH26LS Datasheet HTML 11Page - STMicroelectronics LNBH26LS Datasheet HTML 12Page - STMicroelectronics LNBH26LS Datasheet HTML 13Page - STMicroelectronics LNBH26LS Datasheet HTML 14Page - STMicroelectronics LNBH26LS Datasheet HTML 15Page - STMicroelectronics LNBH26LS Datasheet HTML 16Page - STMicroelectronics LNBH26LS Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
LNBH26LS
Pin configuration
DocID025504 Rev 1
13/33
Pin n°
Symbol
Name
Pin function
carrier.
If EXTM-A=TEN-A=1: it accepts external 22 kHz logic
signals which activate the 22 kHz tone output (refer to
Section 2.2: "Data encoding by external 22 kHz tone TTL
signal").
Pull up high if the tone output is activated only by the TEN-A
I²C bit.
24
DSQIN-
B
DSQIN for
DiSEqC
envelope Input
or
external 22
KHz TTL input
It is intended for channel B 22 kHz tone control.
It can be used as DiSEqC envelope input or external 22 kHz
TTL input depending on the EXTM-B I²C bit setting as
follows:
If EXTM-B=0, TEN-B=1: it accepts the DiSEqC envelope
code from the main microcontroller. The LNBH26LS uses
this code to modulate the internally generated 22 kHz
carrier.
If EXTM-A=TEN-A=1: it accepts external 22 kHz logic
signals which activate the 22 kHz tone output (refer to
Section 2.2: "Data encoding by external 22 kHz tone TTL
signal").
Pull up high if the tone output is activated only by TEN-B I²C
bit.
Epad
Epad
Exposed pad
To be connected with power grounds and to the ground
layer through vias to dissipate the heat.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com