Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH26LS Datasheet(PDF) 4 Page - STMicroelectronics

Part # LNBH26LS
Description  Dual LNBS supply and control IC with step-up and IC interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26LS Datasheet(HTML) 4 Page - STMicroelectronics

  LNBH26LS Datasheet HTML 1Page - STMicroelectronics LNBH26LS Datasheet HTML 2Page - STMicroelectronics LNBH26LS Datasheet HTML 3Page - STMicroelectronics LNBH26LS Datasheet HTML 4Page - STMicroelectronics LNBH26LS Datasheet HTML 5Page - STMicroelectronics LNBH26LS Datasheet HTML 6Page - STMicroelectronics LNBH26LS Datasheet HTML 7Page - STMicroelectronics LNBH26LS Datasheet HTML 8Page - STMicroelectronics LNBH26LS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
List of tables
LNBH26LS
4/33
DocID025504 Rev 1
List of tables
Table 1: Device summary ...........................................................................................................................1
Table 2: Pin description ............................................................................................................................12
Table 3: Absolute maximum ratings .........................................................................................................14
Table 4: Thermal data...............................................................................................................................14
Table 5: LNBH26LS DiSEqC 1.x bill of material .......................................................................................16
Table 6: DATA 1 (read/write register. Register address = 0X2) ...............................................................21
Table 7: DATA 2 (read/write register. Register address = 0X3) ...............................................................21
Table 8: DATA 3 (read/write register. Register address = 0X4) ...............................................................22
Table 9: DATA 4 (read/write register. Register address = 0X5) ...............................................................22
Table 10: STATUS 1 (read register. Register address = 0X0) .................................................................23
Table 11: STATUS 2 (read register. Register address = 0X1) .................................................................24
Table 12: Electrical characteristics of section A/B ....................................................................................25
Table 13: Output voltage selection table (data1 register, write mode) .....................................................26
Table 14: I²C electrical characteristics ......................................................................................................27
Table 15: Address pin characteristics .......................................................................................................27
Table 16: QFN24L (4x4 mm) mechanical data.........................................................................................29
Table 17: Tape mechanical data ..............................................................................................................29
Table 18: Reel mechanical data ...............................................................................................................30
Table 19: Document revision history ........................................................................................................32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com