Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH26LS Datasheet(PDF) 19 Page - STMicroelectronics

Part # LNBH26LS
Description  Dual LNBS supply and control IC with step-up and IC interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26LS Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LNBH26LS Datasheet HTML 15Page - STMicroelectronics LNBH26LS Datasheet HTML 16Page - STMicroelectronics LNBH26LS Datasheet HTML 17Page - STMicroelectronics LNBH26LS Datasheet HTML 18Page - STMicroelectronics LNBH26LS Datasheet HTML 19Page - STMicroelectronics LNBH26LS Datasheet HTML 20Page - STMicroelectronics LNBH26LS Datasheet HTML 21Page - STMicroelectronics LNBH26LS Datasheet HTML 22Page - STMicroelectronics LNBH26LS Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
LNBH26LS
I²C interface protocol
DocID025504 Rev 1
19/33
7
I²C interface protocol
7.1
Write mode transmission
The LNBH26LS interface protocol is made up of:
A start condition (S)
A chip address byte with the LSB bit R/W = 0
A register address (internal address of the first register to be accessed)
A sequence of data (byte to write to the addressed internal register + acknowledge)
The following bytes, if any, to be written to successive internal x
A STOP condition (P), the transfer lasts until a stop bit is encountered
The LNBH26LS, as slave, acknowledges every byte transfer
Figure 10: Example of writing procedure starting with first data address 0x2
ACK = acknowledge
S = start
P = stop
R/W = 1/0, read/write bit
X = 0/1, set the values to select the chip address (see Table 13: "Output voltage selection
table (data1 register, write mode)" for pin selection) and to select the register address (see
Table 6: "DATA 1 (read/write register. Register address = 0X2)" and Table 10: "STATUS 1
(read register. Register address = 0X0)").
The writing procedure can start from any register address by simply setting the X
values in the register address byte (after the chip address). It can be also stopped
by the master by sending a STOP condition after any acknowledge bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com