Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH26LS Datasheet(PDF) 2 Page - STMicroelectronics

Part # LNBH26LS
Description  Dual LNBS supply and control IC with step-up and IC interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26LS Datasheet(HTML) 2 Page - STMicroelectronics

  LNBH26LS Datasheet HTML 1Page - STMicroelectronics LNBH26LS Datasheet HTML 2Page - STMicroelectronics LNBH26LS Datasheet HTML 3Page - STMicroelectronics LNBH26LS Datasheet HTML 4Page - STMicroelectronics LNBH26LS Datasheet HTML 5Page - STMicroelectronics LNBH26LS Datasheet HTML 6Page - STMicroelectronics LNBH26LS Datasheet HTML 7Page - STMicroelectronics LNBH26LS Datasheet HTML 8Page - STMicroelectronics LNBH26LS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
Contents
LNBH26LS
2/33
DocID025504 Rev 1
Contents
1
Block diagram.................................................................................. 6
2
Application information (valid for each section A/B).................... 7
2.1
DISEQC™ data encoding (DSQIN pin)............................................. 7
2.2
Data encoding by external 22 kHz tone TTL signal........................... 7
2.3
Data encoding by external DiSEqC envelope control through the
DSQIN pin...................................................................................................... 8
2.4
Output current limit selection............................................................. 8
2.5
Output voltage selection.................................................................... 8
2.6
Diagnostic and protection functions .................................................. 8
2.7
Surge protection and TVS diodes ..................................................... 9
2.8
Power-on I²C interface reset and undervoltage lockout .................... 9
2.9
PNG: input voltage minimum detection ............................................. 9
2.10
COMP: boost capacitors and inductor............................................... 9
2.11
OLF: overcurrent and short-circuit protection and diagnostic .......... 10
2.12
OTF: thermal protection and diagnostic .......................................... 10
3
Pin configuration ........................................................................... 11
4
Maximum ratings ........................................................................... 14
5
Typical application circuits........................................................... 15
6
I²C bus interface ............................................................................ 17
6.1
Data validity..................................................................................... 17
6.2
Start and stop condition .................................................................. 17
6.3
Byte format...................................................................................... 17
6.4
Acknowledge................................................................................... 17
6.5
Transmission without acknowledge................................................. 17
7
I²C interface protocol .................................................................... 19
7.1
Write mode transmission................................................................. 19
7.2
Read mode transmission ................................................................ 20
7.3
Data registers.................................................................................. 21
7.4
Status registers ............................................................................... 23
8
Electrical characteristics .............................................................. 25
8.1
Output voltage selection.................................................................. 26
9
Package mechanical data ............................................................. 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com