Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH26LS Datasheet(PDF) 14 Page - STMicroelectronics

Part # LNBH26LS
Description  Dual LNBS supply and control IC with step-up and IC interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26LS Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LNBH26LS Datasheet HTML 10Page - STMicroelectronics LNBH26LS Datasheet HTML 11Page - STMicroelectronics LNBH26LS Datasheet HTML 12Page - STMicroelectronics LNBH26LS Datasheet HTML 13Page - STMicroelectronics LNBH26LS Datasheet HTML 14Page - STMicroelectronics LNBH26LS Datasheet HTML 15Page - STMicroelectronics LNBH26LS Datasheet HTML 16Page - STMicroelectronics LNBH26LS Datasheet HTML 17Page - STMicroelectronics LNBH26LS Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Maximum ratings
LNBH26LS
14/33
DocID025504 Rev 1
4
Maximum ratings
Table 3: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC power supply input voltage pins
-0.3 to 20
V
VUP
DC input voltage
-0.3 to 40
V
IOUT
Output current
Internally
limited
mA
VOUT
DC output pin voltage
-0.3 to 40
V
VI
Logic input pin voltage (SDA, SCL, DSQIN, ADDR pins)
-0.3 to 7
V
LX
LX input voltage
-0.3 to 30
V
VBYP
Internal reference pin voltage
-0.3 to 4.6
V
ISEL
Current selection pin voltage
-0.3 to 3.5
V
TSTG
Storage temperature range
-50 to 150
°C
TJ
Operating junction temperature range
-25 to 125
°C
ESD
ESD rating with human body model (HBM) all pins, unless power
output pins
2
kV
ESD rating with human body model (HBM) for power output pins
4
Table 4: Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case
2
°C/W
RthJA
Thermal resistance junction-ambient with device soldered on 2s2p 4-layer
PCB provided with thermal vias below the exposed pad.
40
°C/W
Absolute maximum ratings are those values beyond which damage to the device
may occur. These are stress ratings only and functional operation of the device at
these conditions is not implied. Exposure to absolute-maximum-rated conditions
for extended periods may affect device reliability. All voltage values are with
respect to the network ground terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com