Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH26LS Datasheet(PDF) 27 Page - STMicroelectronics

Part # LNBH26LS
Description  Dual LNBS supply and control IC with step-up and IC interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26LS Datasheet(HTML) 27 Page - STMicroelectronics

Back Button LNBH26LS Datasheet HTML 23Page - STMicroelectronics LNBH26LS Datasheet HTML 24Page - STMicroelectronics LNBH26LS Datasheet HTML 25Page - STMicroelectronics LNBH26LS Datasheet HTML 26Page - STMicroelectronics LNBH26LS Datasheet HTML 27Page - STMicroelectronics LNBH26LS Datasheet HTML 28Page - STMicroelectronics LNBH26LS Datasheet HTML 29Page - STMicroelectronics LNBH26LS Datasheet HTML 30Page - STMicroelectronics LNBH26LS Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
LNBH26LS
Electrical characteristics
DocID025504 Rev 1
27/33
VSEL4-
A/B
VSEL3-
A/B
VSEL2-
A/B
VSEL1-
A/B
VOUTmin.
VOUT-A/B
pin
voltage
VOUTmax.
Function
0
0
0
1
12.545
13.000
13.455
0
0
1
0
12.867
13.333
13.800
0
0
1
1
13.188
13.667
14.145
0
1
0
0
13.51
14.000
14.490
1
0
0
0
17.515
18.150
18.785
1
0
0
1
17.836
18.483
19.130
1
0
1
0
18.158
18.817
19.475
1
0
1
1
18.48
19.150
19.820
TJ from 0 to 85 °C, VI = 12 V.
Table 14: I²C electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Low level input voltage
SDA, SCL
0.8
V
VIH
high level input voltage
SDA, SCL
2
V
IIN
Input current
SDA, SCL, VIN = 0.4 to 4.5 V
-10
10
µA
VOL
Low level output voltage
(1)
SDA (open drain), IOL= 6 mA
0.6
V
FMAX
Maximum clock frequency
SCL
400
kHz
Notes:
(1)Guaranteed by design.
TJ from 0 to 85 °C, VI = 12 V.
Table 15: Address pin characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VADDR-1
“0001000(R/W)” address
pin voltage range
R/W bit determines the
transmission mode: read
(R/W=1) write (R/W=0)
0
0.8
V
VADDR-2
“0001001(R/W)” address
pin voltage range
R/W bit determines the
transmission mode: read
(R/W=1) write (R/W=0)
2
5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com