Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH26LS Datasheet(PDF) 24 Page - STMicroelectronics

Part # LNBH26LS
Description  Dual LNBS supply and control IC with step-up and IC interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26LS Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LNBH26LS Datasheet HTML 20Page - STMicroelectronics LNBH26LS Datasheet HTML 21Page - STMicroelectronics LNBH26LS Datasheet HTML 22Page - STMicroelectronics LNBH26LS Datasheet HTML 23Page - STMicroelectronics LNBH26LS Datasheet HTML 24Page - STMicroelectronics LNBH26LS Datasheet HTML 25Page - STMicroelectronics LNBH26LS Datasheet HTML 26Page - STMicroelectronics LNBH26LS Datasheet HTML 27Page - STMicroelectronics LNBH26LS Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
I²C interface protocol
LNBH26LS
24/33
DocID025504 Rev 1
Table 11: STATUS 2 (read register. Register address = 0X1)
Bit
Name
CH
Value
Description
Bit 0 (LSb)
N/A
-
-
Reserved
Bit 1
N/A
-
-
Reserved
Bit 2
N/A
-
-
Reserved
Bit 3
N/A
-
-
Reserved
Bit 4
N/A
-
-
Reserved
Bit 5
N/A
-
-
Reserved
Bit 6
N/A
-
-
Reserved
Bit 7
(MSb)
N/A
-
-
Reserved
N/A = reserved bit.
All bits reset to “0” at power-on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com