Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH26LS Datasheet(PDF) 1 Page - STMicroelectronics

Part # LNBH26LS
Description  Dual LNBS supply and control IC with step-up and IC interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26LS Datasheet(HTML) 1 Page - STMicroelectronics

  LNBH26LS Datasheet HTML 1Page - STMicroelectronics LNBH26LS Datasheet HTML 2Page - STMicroelectronics LNBH26LS Datasheet HTML 3Page - STMicroelectronics LNBH26LS Datasheet HTML 4Page - STMicroelectronics LNBH26LS Datasheet HTML 5Page - STMicroelectronics LNBH26LS Datasheet HTML 6Page - STMicroelectronics LNBH26LS Datasheet HTML 7Page - STMicroelectronics LNBH26LS Datasheet HTML 8Page - STMicroelectronics LNBH26LS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
December 2013
DocID025504 Rev 1
1/33
This is information on a product in full production.
www.st.com
LNBH26LS
Dual LNBS supply and control IC with step-up and I²C interface
Datasheet - production data
Features
Complete interface between then LNB and
I²C bus
Built-in DC-DC converter for single 12 V
supply operation and high efficiency (typ.
93% @ 0.5 A)
Selectable output current limit by external
resistor
Compliant with main satellite receiver output
voltage specification (8 programmable
levels)
Accurate built-in 22 kHz tone generator suits
widely accepted standards
22 kHz tone waveform integrity guaranteed
also at no load condition
Low drop post regulator and high efficiency
step-up PWM with integrated power N-MOS
allowing low power losses
Overload and overtemperature internal
protection with I²C diagnostic bits
LNB short-circuit dynamic protection
+/- 4 kV ESD tolerant on output power pins
Applications
STB satellite receivers
TV satellite receivers
PC card satellite receivers
Description
Intended for analog and digital DUAL satellite
receiver/Sat-TV, Sat-PC cards, the LNBH26LS is
a monolithic voltage regulator and IC interface,
assembled in QFN24 (4x4) specifically designed
to provide the 13/18 V power supply and the 22
kHz tone signaling to the LNB down-converter in
the antenna dishes or to the multi-switch box. In
this application field, it offers a complete solution
for dual tuner satellite receivers with extremely
low component count, low power dissipation
together with simple design and I²C standard
interfacing.
Table 1: Device summary
Order code
Package
Packaging
LNBH26LSPQR
QFN24 (4x4)
Tape and reel


Similar Part No. - LNBH26LS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBH26L STMICROELECTRONICS-LNBH26L Datasheet
944Kb / 28P
Selectable output current limit by external resistor
01-Mar-2012
LNBH26LPQR STMICROELECTRONICS-LNBH26LPQR Datasheet
944Kb / 28P
Selectable output current limit by external resistor
01-Mar-2012
More results

Similar Description - LNBH26LS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBEH21 STMICROELECTRONICS-LNBEH21 Datasheet
588Kb / 22P
LNB SUPPLY AND CONTROL IC WITH STEP-UP CONVERTER AND IC INTERFACE
05-Jul-2004
LNBH24 STMICROELECTRONICS-LNBH24 Datasheet
446Kb / 30P
Dual LNB supply and control IC with step-up and I2C interface
11-Feb-2008
LNBH23 STMICROELECTRONICS-LNBH23 Datasheet
515Kb / 32P
LNBs supply and control IC with step-up and I²C interface
26-Mar-2008
LNBH24_0808 STMICROELECTRONICS-LNBH24_0808 Datasheet
438Kb / 30P
Dual LNB supply and control IC with step-up and I²C interface
27-Aug-2008
LNBH25LPQR STMICROELECTRONICS-LNBH25LPQR Datasheet
909Kb / 28P
LNB supply and control IC with step-up and I2C interface
15-Feb-2012
LNBH26PQR STMICROELECTRONICS-LNBH26PQR Datasheet
1Mb / 38P
Dual LNBS supply and control IC with step-up and I짼C interface
03-Feb-2012
LNBH24LQTR STMICROELECTRONICS-LNBH24LQTR Datasheet
537Kb / 25P
Dual LNBS supply and control IC with step-up and I짼C interface
18-Mar-2010
LNBH25S STMICROELECTRONICS-LNBH25S Datasheet
1Mb / 37P
LNB supply and control IC with step-up and IC interface
24-Mar-2015
LNBH24L STMICROELECTRONICS-LNBH24L Datasheet
537Kb / 25P
Dual LNBS supply and control IC with step-up and I²C interface
18-Mar-2010
LNBH26S STMICROELECTRONICS-LNBH26S Datasheet
803Kb / 35P
Dual LNBS supply and control I2C with step-up and IC interface
14-Jun-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com