Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH26LS Datasheet(PDF) 12 Page - STMicroelectronics

Part # LNBH26LS
Description  Dual LNBS supply and control IC with step-up and IC interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26LS Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LNBH26LS Datasheet HTML 8Page - STMicroelectronics LNBH26LS Datasheet HTML 9Page - STMicroelectronics LNBH26LS Datasheet HTML 10Page - STMicroelectronics LNBH26LS Datasheet HTML 11Page - STMicroelectronics LNBH26LS Datasheet HTML 12Page - STMicroelectronics LNBH26LS Datasheet HTML 13Page - STMicroelectronics LNBH26LS Datasheet HTML 14Page - STMicroelectronics LNBH26LS Datasheet HTML 15Page - STMicroelectronics LNBH26LS Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Pin configuration
LNBH26LS
12/33
DocID025504 Rev 1
Table 2: Pin description
Pin n°
Symbol
Name
Pin function
3
LX-A
N-Mos drain
Channel A, integrated N-channel Power MOSFET drain.
4
P-GND
Power ground
DC-DC converter power ground. To be connected directly to
the exposed pad.
5
LX-B
N-Mos drain
Channel B, integrated N-channel Power MOSFET drain.
6
ADDR
Address
setting
Two I²C bus addresses available by setting the ADDRESS
pin level voltage. See Table 15: "Address pin
characteristics".
7
SCL
Serial clock
Clock from I²C bus.
8
SDA
Serial data
Bi-directional data from/to I²C bus.
9
ISEL
Current
selection for
channel A and
B
The resistor “RSEL” connected between ISEL and GND
defines the linear regulator current limit threshold. Refer to
Section 2: "Application information (valid for each section
A/B)". The RSEL resistor defines the same current limit for
both channels (A and B).
1, 2, 13,
14, 15,
18, 19,
23
GND
Analog ground
Analog circuit ground. To be connected directly to the
exposed pad.
10
N.C.
Not internally
connected
Not internally connected pin. Set floating if not used.
11
VUP-B
Channel B
step-up
voltage
Input of channel B linear post-regulator. The voltage on this
pin is monitored by the internal channel B step-up controller
to keep a minimum dropout across the linear pass
transistor.
12
VOUT-B
Channel B,
LNB output
port
Output of channel B integrated very low drop linear
regulator. Refer to Table 13: "Output voltage selection table
(data1 register, write mode)"for voltage selection and
description.
16
BYP
Bypass
capacitor
Needed for internal pre-regulator filtering. The BYP pin is
intended only to connect an external ceramic capacitor. Any
connection of this pin to an external current or voltage
sources may cause permanent damage to the device.
17
VCC
Supply input
8 to 16 V IC DC-DC power supply.
20
VOUT-A
Channel A,
LNB output
port
Output of channel A integrated very low drop linear
regulator. Refer to Table 13: "Output voltage selection table
(data1 register, write mode)"for voltage selection and
description.
21
VUP-A
Channel A
step-up
voltage
Input of channel A linear post-regulator. The voltage on this
pin is monitored by the internal channel A step-up controller
to keep a minimum dropout across the linear pass
transistor.
22
DSQIN-
A
DSQIN for
DiSEqC
envelope input
or
external 22
KHz TTL input
It is intended for channel A 22 kHz tone control.
It can be used as DiSEqC envelope input or external 22 kHz
TTL input depending on the EXTM-A I²C bit setting as
follows:
If EXTM-A=0, TEN-A=1: it accepts the DiSEqC envelope
code from the main microcontroller. The LNBH26LS uses
this code to modulate the internally generated 22 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com