Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8908 Datasheet(PDF) 7 Page - STMicroelectronics

Part # PM8908
Description  Monolithic buck converter for DDR memory termination
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8908 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PM8908 Datasheet HTML 3Page - STMicroelectronics PM8908 Datasheet HTML 4Page - STMicroelectronics PM8908 Datasheet HTML 5Page - STMicroelectronics PM8908 Datasheet HTML 6Page - STMicroelectronics PM8908 Datasheet HTML 7Page - STMicroelectronics PM8908 Datasheet HTML 8Page - STMicroelectronics PM8908 Datasheet HTML 9Page - STMicroelectronics PM8908 Datasheet HTML 10Page - STMicroelectronics PM8908 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
DocID027688 Rev 3
7/28
PM8908
Pin description and connection diagrams
28
11
PHASE
Output inductor connection.
The pins are connected to the embedded MOSFETs (high-side source and
low-side drain). Connect directly to the output inductor. See Figure 1.
12
13
14
15
16
BOOT
Bootstrap pin.
It provides power supply for the floating high-side MOS driver.
Connect with 0.1 µF to PHASE. See Figure 1.
17
EN
Enable.
18
MODE
Switching frequency and the OCL programming pin. See Table 6 on page 14.
This pin must not be left floating.
19
PGOOD
Power Good pin.
Open drain output set free after SS has finished and pulled low when VOUT is
out of the PGOOD window or any protection is triggered.
Pull up to VCC, if not used it can be left floating.
20
VCC
Device power supply.
Operative voltage is 5.0 V. Filter with at least 1
µF MLCC vs. GND.
Thermal pad
The thermal pad of the device. Connect to the PCB ground plane with multiple
VIAS.
Table 2. Pin description (continued)
Pin
Function
No.
Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com