Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8908 Datasheet(PDF) 17 Page - STMicroelectronics

Part # PM8908
Description  Monolithic buck converter for DDR memory termination
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8908 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button PM8908 Datasheet HTML 13Page - STMicroelectronics PM8908 Datasheet HTML 14Page - STMicroelectronics PM8908 Datasheet HTML 15Page - STMicroelectronics PM8908 Datasheet HTML 16Page - STMicroelectronics PM8908 Datasheet HTML 17Page - STMicroelectronics PM8908 Datasheet HTML 18Page - STMicroelectronics PM8908 Datasheet HTML 19Page - STMicroelectronics PM8908 Datasheet HTML 20Page - STMicroelectronics PM8908 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
DocID027688 Rev 3
17/28
PM8908
Device description
28
The protection is triggered when the voltage sensed on the VOUT pin rises over the OVP
threshold and the device acts as follows:
De-asserts the PGOOD signal
The HS MOSFET is suddenly forced OFF
The LS MOSFET is turned on (to discharge the output and protect the load). When
VOUT drops below the UVP threshold the LS MOSFET is turned off and the discharge
resistor is on. If VOUT recrosses the UVP threshold, the LS is turned on again and the
discharge resistor is off.
In the overvoltage protection state the negative overcurrent limit (OCLN) is masked.
This protection is latched, cycled EN or VCC to recover.
5.4.2
Undervoltage protection
If VOUT falls below the UVP threshold for at least 256
s the IC stops switching and starts
a soft-off sequence.
The device acts as follows:
De-asserts the PGOOD signal
The HS MOSFET and LS MOSFET are forced OFF
The discharge resistor is on.
This protection is latched, cycled EN or VCC to recover.
The UVP protection is enabled after the soft-start end.
5.4.3
Power Good (PGOOD)
The PGOOD is an open drain output. During the startup, the PGOOD goes high after 1 ms
from the threshold detected.
The PGOOD is forced low, to communicate that the output voltage is no longer in regulation,
if one of the following conditions is verified:
The voltage of the VOUT pin exits from the PGOOD window
The device is disabled, EN is forced low
VCC voltage is below the UVLO threshold
Any protection is triggered (OVP, UVP, OTP).
5.4.4
Overcurrent protection
Overcurrent protection is active as soon as the device is enabled and VCC voltage is above
the UVLO level.
The overcurrent function protects the converter from a shorted output or overload by
sensing the output current information across the low-side integrated MOSFET.
Positive OCL
If the monitored current information is bigger than the overcurrent thresholds, an overcurrent
event is detected. The IC delays the next tON until the current drops below the positive OCL
limit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com