Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8908 Datasheet(PDF) 4 Page - STMicroelectronics

Part # PM8908
Description  Monolithic buck converter for DDR memory termination
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8908 Datasheet(HTML) 4 Page - STMicroelectronics

  PM8908 Datasheet HTML 1Page - STMicroelectronics PM8908 Datasheet HTML 2Page - STMicroelectronics PM8908 Datasheet HTML 3Page - STMicroelectronics PM8908 Datasheet HTML 4Page - STMicroelectronics PM8908 Datasheet HTML 5Page - STMicroelectronics PM8908 Datasheet HTML 6Page - STMicroelectronics PM8908 Datasheet HTML 7Page - STMicroelectronics PM8908 Datasheet HTML 8Page - STMicroelectronics PM8908 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Typical application circuit and block diagram
PM8908
4/28
DocID027688 Rev 3
1
Typical application circuit and block diagram
1.1
Application circuit
Figure 1. Typical application circuit
Figure 2. Typical memory termination application circuit
L
RPGOOD
PM8908
PGOOD
EN
MODE
VOUT
COMP
REFIN
PGND
PHASE
BOOT
VIN
VCC
GND
VIN = 1 V to 3.5 V
VCC = 5 V
CBOOT
CF
COUT
CVIN
CVCC
20
4, 5
1, 2, 3
11, 12, 13,
14, 15
16
10
8
9
6
19
17
18
R1
RF
RM
REF
7
R2
CREF
VOUT
CP
L
RPGOOD
PM8908
PGOOD
EN
MODE
VOUT
COMP
REFIN
PGND
PHASE
BOOT
VIN
VCC
GND
VDDQ = 1.2 V
VCC = 5 V
CBOOT
CF
COUT
CVIN
CVCC
20
4, 5
1, 2, 3
11, 12, 13,
14, 15
16
10
8
9
6
19
17
18
R1
RF
RM
REF
7
R2
CREF
VOUT = 0.6 V
VDDQ
R1=R2
CP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com