Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8908 Datasheet(PDF) 10 Page - STMicroelectronics

Part # PM8908
Description  Monolithic buck converter for DDR memory termination
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8908 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button PM8908 Datasheet HTML 6Page - STMicroelectronics PM8908 Datasheet HTML 7Page - STMicroelectronics PM8908 Datasheet HTML 8Page - STMicroelectronics PM8908 Datasheet HTML 9Page - STMicroelectronics PM8908 Datasheet HTML 10Page - STMicroelectronics PM8908 Datasheet HTML 11Page - STMicroelectronics PM8908 Datasheet HTML 12Page - STMicroelectronics PM8908 Datasheet HTML 13Page - STMicroelectronics PM8908 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Electrical specifications
PM8908
10/28
DocID027688 Rev 3
4.2
Electrical characteristics
VCC = 5.0 V ± 5%, TA = 25 °C (unless otherwise specified).
Table 5. Electrical characteristics
Symbol
Parameter
Test conditions
Min. Typ. Max.
Unit
Supply current and undervoltage lockout
IIN
VIN shutdown current
Shutdown, EN = 0 V
0.3
5
A
ICC
VCC supply current
EN = H, VBOOT = 4.5 V, VCC = 4.5 V,
VIN = 3.5V, VM = GND
23.6
mA
ICCSD
VCC shutdown current
Shutdown, EN = 0 V
4
10
A
IBSS
Boot input current
VBOOT = 9 V, VPHASE = 3.5 V,
VCC = 5.5 V
150
A
VCC
VCC supply voltage
4.5
5.0
5.5
V
VCC UVLO
VCC turn-on
VCC rising
4.2
4.37
4.5
V
Hysteresis
440
mV
REF UVLO
VREF turn-on
REF rising
1.8
V
Hysteresis
100
mV
Oscillator, off-time and on-time
fSW
Oscillator accuracy
RM = 100 k
1
MHz
RM = 47 k
0.6
tOFF-min
Minimum off-time
VIN = 1.5 V, VOUT = 0.9 V, VREFIN = 1 V,
fSW = 1 MHz / 0.6 MHz
170
ns
Reference and GM amplifier
VOUT
Output voltage accuracy
VREFIN = 1 V, no droop
-1
+1
%
VREF
Voltage reference
IREF = 0
1.95
2.0
2.05
V
GM
Transconductance(1)
1.00
mS
ICSK
COMP pin maximum sinking
current
VCOMP = 2 V, VREFIN - VOUT = -80 mV
80
A
ICSR
COMP pin maximum sourcing
current
VCOMP = 2 V, VREFIN - VOUT = 80 mV
-80
A
VCM
Common mode input voltage
range(1)
02
V
VDM
Differential mode input voltage
range(1)
080
mV
VOSet
Input offset
0
mV
F-3dB
-3 dB frequency(1)
4.5
6.0
7.5
MHz
ACS
Current sense gain
Gain from the current of the LS to PWM
comp when PWM = OFF
47
53
59
mV/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com