Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8908 Datasheet(PDF) 20 Page - STMicroelectronics

Part # PM8908
Description  Monolithic buck converter for DDR memory termination
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8908 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button PM8908 Datasheet HTML 16Page - STMicroelectronics PM8908 Datasheet HTML 17Page - STMicroelectronics PM8908 Datasheet HTML 18Page - STMicroelectronics PM8908 Datasheet HTML 19Page - STMicroelectronics PM8908 Datasheet HTML 20Page - STMicroelectronics PM8908 Datasheet HTML 21Page - STMicroelectronics PM8908 Datasheet HTML 22Page - STMicroelectronics PM8908 Datasheet HTML 23Page - STMicroelectronics PM8908 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Application information
PM8908
20/28
DocID027688 Rev 3
with:
RDROOP is the resistor between the COMP pin and the REF pin (see also Figure 9)
ILOAD is the output current
GM is the transconductance of the amplifier (1 mS)
ACS is the current sense gain (53 mV/A)
Figure 9. Typical application with droop configuration
6.3
Non-droop setting
The advantage of a non-droop configuration is that the load regulation is flat. It can be
implemented by connecting a resistor (RC) and a capacitor (CC) between the COMP pin and
the REF pin (see also Figure 1 on page 4).
6.4
Inductor design
The inductance value is defined by a compromise between the dynamic response time, the
efficiency, the cost, and the size. The inductor must be calculated to maintain the ripple
current (
I
L) between 20% and 30% of the maximum output current (typ.). The inductance
value can be calculated with the following relationship:
Equation 5
where fSW is the switching frequency, VIN is the input voltage, and VOUT is the output
voltage.
L
RPGOOD
PM8908
PGOOD
EN
MODE
VOUT
COMP
REFIN
PGND
PHASE
BOOT
VIN
VCC
GND
VIN = 1 V to 3.5 V
VCC = 5 V
CBOOT
COUT
CVIN
CVCC
20
4, 5
1, 2, 3
11, 12, 13,
14, 15
16
10
8
9
6
19
17
18
R1
RDROOP
RM
REF
7
R2
CREF
VOUT
CP
L
V
IN
V
OUT
–
F
SW
I
L
------------------------------
V
OUT
V
IN
--------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com