Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8908 Datasheet(PDF) 5 Page - STMicroelectronics

Part # PM8908
Description  Monolithic buck converter for DDR memory termination
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8908 Datasheet(HTML) 5 Page - STMicroelectronics

  PM8908 Datasheet HTML 1Page - STMicroelectronics PM8908 Datasheet HTML 2Page - STMicroelectronics PM8908 Datasheet HTML 3Page - STMicroelectronics PM8908 Datasheet HTML 4Page - STMicroelectronics PM8908 Datasheet HTML 5Page - STMicroelectronics PM8908 Datasheet HTML 6Page - STMicroelectronics PM8908 Datasheet HTML 7Page - STMicroelectronics PM8908 Datasheet HTML 8Page - STMicroelectronics PM8908 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
DocID027688 Rev 3
5/28
PM8908
Typical application circuit and block diagram
28
1.2
Block diagram
Figure 3. Block diagram
COT CONTROL
LOGIC,
PROTECTIONS
&
ADAPTIVE
DEAD TIMES
VCC
VCC UVLO
DEAD TIMES
Discharge
THERMAL
MONITOR
PM8908
PGOOD
EN
REF
VOUT
COMP
REFIN
PGND
PHASE
BOOT
VIN
GND
SS
PHASE
VCC
MODE
Voltage
Reference
Delay
VOUT
Hy
Hy
REFIN -16%
REFIN +16%
CL
Current
Limit
K
OV
UV
REFIN -30%
REFIN +20%
VOUT
PGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com