Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8908 Datasheet(PDF) 18 Page - STMicroelectronics

Part # PM8908
Description  Monolithic buck converter for DDR memory termination
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8908 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button PM8908 Datasheet HTML 14Page - STMicroelectronics PM8908 Datasheet HTML 15Page - STMicroelectronics PM8908 Datasheet HTML 16Page - STMicroelectronics PM8908 Datasheet HTML 17Page - STMicroelectronics PM8908 Datasheet HTML 18Page - STMicroelectronics PM8908 Datasheet HTML 19Page - STMicroelectronics PM8908 Datasheet HTML 20Page - STMicroelectronics PM8908 Datasheet HTML 21Page - STMicroelectronics PM8908 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Device description
PM8908
18/28
DocID027688 Rev 3
The maximum available load current, with the valley current limit technique, is equal to
Equation 2:
Equation 2
It is the sum of the valley current limit plus the half of the inductor current ripple.
During the overcurrent event the Vout drops until the UVP threshold, de-asserts the PGOOD
pin and then enters into the latch state.
Negative OCL
The negative OCL circuit operates when the converter is sinking the current from the output
load. The IC trigs the next tON until the current drops below the negative OCL limit.
During the overcurrent event the Vout goes up until the OVP threshold, de-asserts the
PGOOD pin and then enters into the latch state.
5.4.5
Overtemperature protection
It is recommended that the device never exceeds the maximum allowable junction
temperature. This temperature increase is mainly caused by the total power dissipated from
the integrated power MOSFETs.
To avoid any damage to the device when reaching high temperature, the PM8908
implements a thermal shutdown feature: when the junction temperature reaches 145 °C the
device turns off both MOSFETs. When the junction temperature drops to 135 °C, the device
restarts with a new soft-start sequence.
I
LOADmax
I
OCL
1
2
---
I
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com