Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8908 Datasheet(PDF) 1 Page - STMicroelectronics

Part # PM8908
Description  Monolithic buck converter for DDR memory termination
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8908 Datasheet(HTML) 1 Page - STMicroelectronics

  PM8908 Datasheet HTML 1Page - STMicroelectronics PM8908 Datasheet HTML 2Page - STMicroelectronics PM8908 Datasheet HTML 3Page - STMicroelectronics PM8908 Datasheet HTML 4Page - STMicroelectronics PM8908 Datasheet HTML 5Page - STMicroelectronics PM8908 Datasheet HTML 6Page - STMicroelectronics PM8908 Datasheet HTML 7Page - STMicroelectronics PM8908 Datasheet HTML 8Page - STMicroelectronics PM8908 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
This is information on a product in full production.
November 2015
DocID027688 Rev 3
1/28
PM8908
Monolithic buck converter for DDR memory termination
Datasheet
- production data
Features
 Integrated MOSFETs for high efficiency
 Current COT architecture
 1 V to 3.5 V input voltage (V
IN)
 5.0 V supply voltage (V
CC)
 Constant frequency mode
 1% output voltage accuracy
 Two programmable switching frequencies
(0.6 MHz or 1 MHz)
 ADJ output voltage from 0.5 V to 2 V
 Embedded bootstrap diode
 OV/UV/OC and overtemperature protection
 Soft-off with integrated discharge resistor
 External tracking
 Power Good output
 QFN20 3.5 x 4.0 mm compact package
Applications
 Memory termination regulator for DDR3, DDR4
and low power DDR3/DDR4
 Notebook/desktop/server
 Low voltage application for 1 V to 3.5 V input
rails
Description
The PM8908 is a high efficiency monolithic step-
down switching regulator designed mainly for the
DDR termination.
The IC operates from 1 V to 3.5 V input voltage
(VIN).
The device uses a COT control loop that provides
very good performances in terms of load and line
transients. The current sense is internally
thermally compensated for optimum precision.
The output voltage is adjusted from 0.5 V to 2 V
with ± 1% accuracy overtemperature variations.
The PM8908 also provides external tracking
support.
The PM8908 provides positive and negative
overcurrent protection as well as
over/undervoltage and overtemperature
protection. PGOOD output easily provides real-
time information on the output voltage.
The PM8908 is available in a QFN20
3.5 x 4.0 mm package.
QFN20 3.5 x 4.0 mm
Table 1. Device summary
Order code
Package
Packaging
PM8908TR
QFN20 (3.5 x 4.0 mm)
Tape and reel
www.st.com


Similar Part No. - PM8908

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM8903 STMICROELECTRONICS-PM8903 Datasheet
2Mb / 34P
3 A step-down monolithic switching regulator
01-Feb-2012
PM8903A STMICROELECTRONICS-PM8903A Datasheet
2Mb / 33P
3 A step-down monolithic switching regulator
11-Jan-2013
PM8903ATR STMICROELECTRONICS-PM8903ATR Datasheet
2Mb / 33P
3 A step-down monolithic switching regulator
11-Jan-2013
PM8903TR STMICROELECTRONICS-PM8903TR Datasheet
2Mb / 34P
3 A step-down monolithic switching regulator
01-Feb-2012
More results

Similar Description - PM8908

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3413 LINER-LTC3413 Datasheet
243Kb / 16P
3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
LTC3413IFE LINER-LTC3413IFE Datasheet
259Kb / 16P
3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
logo
Linear Integrated Syste...
LTC3618 LINEAR-LTC3618 Datasheet
616Kb / 24P
Dual 4MHz, 3A Synchronous Buck Converter for DDR Termination
logo
Altera Corporation
EV1320QI ALTERA-EV1320QI Datasheet
1Mb / 20P
2A PowerSoC Source/Sink DDR Memory Termination Converter
logo
Linear Technology
LTC3413 LINER-LTC3413_15 Datasheet
259Kb / 16P
3A, 2MHz Monolithic Synchronous Regulator for DDR/QDR Memory Termination
LTC3618 LINER-LTC3618_15 Datasheet
634Kb / 24P
Dual 4MHz, 3A Synchronous Buck Converter for DDR Termination
logo
ON Semiconductor
NCP51198 ONSEMI-NCP51198 Datasheet
111Kb / 9P
DDR Memory Termination Regulator
April, 2015 ??Rev. 3
logo
Texas Instruments
TPS53317A TI1-TPS53317A Datasheet
1Mb / 33P
Integrated-FET Converter for DDR Memory Termination
logo
ON Semiconductor
FAN23SV04TAMPX ONSEMI-FAN23SV04TAMPX Datasheet
1Mb / 20P
4A Synchronous Buck Regulator for DDR Termination
September 2015 Rev. 1.0
NCP51190 ONSEMI-NCP51190_17 Datasheet
113Kb / 9P
1.5A DDR Memory Termination Regulator
January, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com