Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8908 Datasheet(PDF) 22 Page - STMicroelectronics

Part # PM8908
Description  Monolithic buck converter for DDR memory termination
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8908 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button PM8908 Datasheet HTML 18Page - STMicroelectronics PM8908 Datasheet HTML 19Page - STMicroelectronics PM8908 Datasheet HTML 20Page - STMicroelectronics PM8908 Datasheet HTML 21Page - STMicroelectronics PM8908 Datasheet HTML 22Page - STMicroelectronics PM8908 Datasheet HTML 23Page - STMicroelectronics PM8908 Datasheet HTML 24Page - STMicroelectronics PM8908 Datasheet HTML 25Page - STMicroelectronics PM8908 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Application information
PM8908
22/28
DocID027688 Rev 3
6.7
Compensation network
The PM8908 device implements a constant on-time control loop. The compensation
network is shown in Figure 10.
Figure 10. Compensation network
The following procedure shall be followed in order to calculate the best network external
components value.
Select RF value in order to obtain the desired closed loop regulator bandwidth
according to Equation 10:
Equation 10
where:
–
fT is the crossover frequency, it should be less than about 1/10 of the switching
frequency
–
RCS = 53 m
Select CF according to Equation 11:
Equation 11
Select CP according to Equation 12:
Equation 12
Check the phase margin obtained and repeat the whole procedure if necessary.
COMP
REFIN
CF
8
9
RF
REF
7
CREF
CP
OUT
T
OUT
T
M
CS
OUT
T
F
C
ESR
f
C
ESR
f
g
R
C
f
R
5
2
1
5
2
1
2
F
T
F
R
f
C
5
2
1
OUT
T
C
OUT
P
C
ESR
f
R
C
ESR
C
5
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com