Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8908 Datasheet(PDF) 21 Page - STMicroelectronics

Part # PM8908
Description  Monolithic buck converter for DDR memory termination
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8908 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PM8908 Datasheet HTML 17Page - STMicroelectronics PM8908 Datasheet HTML 18Page - STMicroelectronics PM8908 Datasheet HTML 19Page - STMicroelectronics PM8908 Datasheet HTML 20Page - STMicroelectronics PM8908 Datasheet HTML 21Page - STMicroelectronics PM8908 Datasheet HTML 22Page - STMicroelectronics PM8908 Datasheet HTML 23Page - STMicroelectronics PM8908 Datasheet HTML 24Page - STMicroelectronics PM8908 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
DocID027688 Rev 3
21/28
PM8908
Application information
28
6.5
Output capacitors
The output capacitors are basic components to define the ripple voltage across the output
and for the fast transient response of the power supply. They depend on the output voltage
ripple requirements, as well as any output voltage deviation requirement during a load
transient.
During steady-state conditions, the output voltage ripple is influenced by both the ESR and
the capacitive value of the output capacitors as follows:
Equation 6
Equation 7
where
I
L is the inductor current ripple. In particular, the expression that defines VOUT_C
takes into consideration the output capacitor charge and discharge as a consequence of the
inductor current ripple.
6.6
Input capacitors
The input capacitor bank is designed considering, mainly, the input RMS current that
depends on the output deliverable current (IOUT) and the duty cycle (D) for the regulation as
follows:
Equation 8
The equation reaches its maximum value, IOUT/2, with D = 0.5. The losses depend on the
input capacitor ESR and, in the worst case, are:
Equation 9
V
OUT_ESR
I
L
ESR
=
V
OUT_C
I
L
1
8C
OUT
F
SW

---------------------------------------
=
I
rms
I
OUT
D1
D
–

=
PESR
I
OUT 2

2
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com