Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM8908 Datasheet(PDF) 25 Page - STMicroelectronics

Part # PM8908
Description  Monolithic buck converter for DDR memory termination
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM8908 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button PM8908 Datasheet HTML 20Page - STMicroelectronics PM8908 Datasheet HTML 21Page - STMicroelectronics PM8908 Datasheet HTML 22Page - STMicroelectronics PM8908 Datasheet HTML 23Page - STMicroelectronics PM8908 Datasheet HTML 24Page - STMicroelectronics PM8908 Datasheet HTML 25Page - STMicroelectronics PM8908 Datasheet HTML 26Page - STMicroelectronics PM8908 Datasheet HTML 27Page - STMicroelectronics PM8908 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
DocID027688 Rev 3
25/28
PM8908
Package information
28
Figure 12. Recommended footprint
Table 7. QFN20 3.5 x 4 x 1.0 mm package mechanical data
Symbol
Dimensions (mm)
Min.
Typ.
Max.
A
0.90
0.95
1.00
A1
0.00
0.02
0.05
A3
0.152
b
0.18
0.25
0.30
D3.4
3.5
3.6
D2
2.00
2.10
2.20
E3.9
4.0
4.1
E2
2.50
2.60
2.70
e0.50
L
0.35
0.40
0.45
K0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com