Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSMTR Datasheet(PDF) 54 Page - STMicroelectronics

Part # LSM6DSMTR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSMTR Datasheet(HTML) 54 Page - STMicroelectronics

Back Button LSM6DSMTR Datasheet HTML 50Page - STMicroelectronics LSM6DSMTR Datasheet HTML 51Page - STMicroelectronics LSM6DSMTR Datasheet HTML 52Page - STMicroelectronics LSM6DSMTR Datasheet HTML 53Page - STMicroelectronics LSM6DSMTR Datasheet HTML 54Page - STMicroelectronics LSM6DSMTR Datasheet HTML 55Page - STMicroelectronics LSM6DSMTR Datasheet HTML 56Page - STMicroelectronics LSM6DSMTR Datasheet HTML 57Page - STMicroelectronics LSM6DSMTR Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 113 page
background image
Register description
LSM6DSM
54/113
DocID028165 Rev 2
Table 24. SENSOR_SYNC_RES_RATIO register description
10.4
FIFO_CTRL1 (06h)
FIFO control register (r/w).
Table 26. FIFO_CTRL1 register description
10.5
FIFO_CTRL2 (07h)
FIFO control register (r/w).
Table 28. FIFO_CTRL2 register description
RR_[1:0]
Resolution ratio of error code for sensor synchronization:
00: SensorSync, Res_Ratio = 2-11
01: SensorSync, Res_Ratio = 2-12
10: SensorSync, Res_Ratio = 2-13
11: SensorSync, Res_Ratio = 2-14
Table 25. FIFO_CTRL1 register
FTH_7
FTH_6
FTH_5
FTH_4
FTH_3
FTH_2
FTH_1
FTH_0
FTH_[7:0]
FIFO threshold level setting(1). Default value: 0000 0000.
Watermark flag rises when the number of bytes written to FIFO after the next write is
greater than or equal to the threshold level.
Minimum resolution for the FIFO is 1 LSB = 2 bytes (1 word) in FIFO
1. For a complete watermark threshold configuration, consider FTH_[10:8] in FIFO_CTRL2 (07h).
Table 27. FIFO_CTRL2 register
TIMER_PEDO
_FIFO_EN
TIMER_PEDO
_FIFO_DRDY
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
FIFO_
TEMP_EN
FTH10
FTH_9
FTH_8
TIMER_PEDO
_FIFO_EN
Enable pedometer step counter and timestamp as 4th FIFO data set. Default: 0
(0: disable step counter and timestamp data as 4th FIFO data set;
1: enable step counter and timestamp data as 4th FIFO data set)
TIMER_PEDO
_FIFO_DRDY
FIFO write mode(1). Default: 0
(0: enable write in FIFO based on XL/Gyro data-ready;
1: enable write in FIFO at every step detected by step counter.)
1. This bit is effective if the DATA_VALID_SEL_FIFO bit of the MASTER_CONFIG (1Ah) register is set to 0.
FIFO_TEMP_EN
Enable the temperature data storage in FIFO. Default: 0.
(0: temperature not included in FIFO; 1: temperature included in FIFO)
FTH_[10:8]
FIFO threshold level setting(2). Default value: 0000
Watermark flag rises when the number of bytes written to FIFO after the next
write is greater than or equal to the threshold level.
Minimum resolution for the FIFO is 1LSB = 2 bytes (1 word) in FIFO
2. For a complete watermark threshold configuration, consider FTH_[7:0] in FIFO_CTRL1 (06h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com