Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSMTR Datasheet(PDF) 99 Page - STMicroelectronics

Part # LSM6DSMTR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSMTR Datasheet(HTML) 99 Page - STMicroelectronics

Back Button LSM6DSMTR Datasheet HTML 95Page - STMicroelectronics LSM6DSMTR Datasheet HTML 96Page - STMicroelectronics LSM6DSMTR Datasheet HTML 97Page - STMicroelectronics LSM6DSMTR Datasheet HTML 98Page - STMicroelectronics LSM6DSMTR Datasheet HTML 99Page - STMicroelectronics LSM6DSMTR Datasheet HTML 100Page - STMicroelectronics LSM6DSMTR Datasheet HTML 101Page - STMicroelectronics LSM6DSMTR Datasheet HTML 102Page - STMicroelectronics LSM6DSMTR Datasheet HTML 103Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 113 page
background image
DocID028165 Rev 2
99/113
LSM6DSM
Embedded functions registers description
113
12.4
SLV1_ADD (05h)
I2
C slave address of the second external sensor (Sensor2) register (r/w).
12.5
SLV1_SUBADD (06h)
Address of register on the second external sensor (Sensor2) register (r/w).
Table 237. SLAVE0_CONFIG register description
Slave0_rate[1:0]
Decimation of read operation on Sensor1 starting from the sensor hub trigger.
Default value: 00
(00: no decimation
01: update every 2 samples
10: update every 4 samples
11: update every 8 samples)
Aux_sens_on[1:0]
Number of external sensors to be read by sensor hub. Default value: 00
(00: one sensor
01: two sensors
10: three sensors
11: four sensors)
Src_mode
Source mode conditioned read(1). Default value: 0
(0: source mode read disabled; 1: source mode read enabled)
Slave0_numop[2:0]
Number of read operations on Sensor1.
1. Read conditioned by the content of the register at address specified in the
DATAWRITE_SRC_MODE_SUB_SLV0 (0Eh) register. If the content is non-zero, the operation continues
with the reading of the address specified in the SLV0_SUBADD (03h) register, else the operation is
interrupted.
Table 238. SLV1_ADD register
Slave1_
add6
Slave1_
add5
Slave1_
add4
Slave1_
add3
Slave1_
add2
Slave1_
add1
Slave1_
add0
r_1
Table 239. SLV1_ADD register description
Slave1_add[6:0]
I2C slave address of Sensor2 that can be read by sensor hub.
Default value: 0000000
r_1
Read operation on Sensor2 enable. Default value: 0
(0: read operation disabled; 1: read operation enabled)
Table 240. SLV1_SUBADD register
Slave1_
reg7
Slave1_
reg6
Slave1_
reg5
Slave1_
reg4
Slave1_
reg3
Slave1_
reg2
Slave1_
reg1
Slave1_
reg0
Table 241. SLV1_SUBADD register description
Slave1_reg[7:0]
Address of register on Sensor2 that has to be read according to the r_1 bit value
in SLV1_ADD (05h). Default value: 00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com