Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSMTR Datasheet(PDF) 98 Page - STMicroelectronics

Part # LSM6DSMTR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSMTR Datasheet(HTML) 98 Page - STMicroelectronics

Back Button LSM6DSMTR Datasheet HTML 94Page - STMicroelectronics LSM6DSMTR Datasheet HTML 95Page - STMicroelectronics LSM6DSMTR Datasheet HTML 96Page - STMicroelectronics LSM6DSMTR Datasheet HTML 97Page - STMicroelectronics LSM6DSMTR Datasheet HTML 98Page - STMicroelectronics LSM6DSMTR Datasheet HTML 99Page - STMicroelectronics LSM6DSMTR Datasheet HTML 100Page - STMicroelectronics LSM6DSMTR Datasheet HTML 101Page - STMicroelectronics LSM6DSMTR Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 113 page
background image
Embedded functions registers description
LSM6DSM
98/113
DocID028165 Rev 2
12
Embedded functions registers description
Note:
All modifications of the content of the embedded functions registers have to be performed
with the device in power-down mode.
12.1
SLV0_ADD (02h)
I2C slave address of the first external sensor (Sensor1) register (r/w).
12.2
SLV0_SUBADD (03h)
Address of register on the first external sensor (Sensor1) register (r/w).
12.3
SLAVE0_CONFIG (04h)
First external sensor (Sensor1) configuration and sensor hub settings register (r/w).
Table 232. SLV0_ADD register
Slave0_
add6
Slave0_
add5
Slave0_
add4
Slave0_
add3
Slave0_
add2
Slave0_
add1
Slave0_
add0
rw_0
Table 233. SLV0_ADD register description
Slave0_add[6:0]
I2C slave address of Sensor1 that can be read by sensor hub.
Default value: 0000000
rw_0
Read/write operation on Sensor1. Default value: 0
(0: write operation; 1: read operation)
Table 234. SLV0_SUBADD register
Slave0_
reg7
Slave0_
reg6
Slave0_
reg5
Slave0_
reg4
Slave0_
reg3
Slave0_
reg2
Slave0_
reg1
Slave0_
reg0
Table 235. SLV0_SUBADD register description
Slave0_reg[7:0]
Address of register on Sensor1 that has to be read/write according to the rw_0 bit
value in SLV0_ADD (02h). Default value: 00000000
Table 236. SLAVE0_CONFIG register
Slave0_
rate1
Slave0_
rate0
Aux_sens
_on1
Aux_sens
_on0
Src_mode
Slave0_
numop2
Slave0_
numop1
Slave0_
numop0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com