Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSMTR Datasheet(PDF) 48 Page - STMicroelectronics

Part # LSM6DSMTR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSMTR Datasheet(HTML) 48 Page - STMicroelectronics

Back Button LSM6DSMTR Datasheet HTML 44Page - STMicroelectronics LSM6DSMTR Datasheet HTML 45Page - STMicroelectronics LSM6DSMTR Datasheet HTML 46Page - STMicroelectronics LSM6DSMTR Datasheet HTML 47Page - STMicroelectronics LSM6DSMTR Datasheet HTML 48Page - STMicroelectronics LSM6DSMTR Datasheet HTML 49Page - STMicroelectronics LSM6DSMTR Datasheet HTML 50Page - STMicroelectronics LSM6DSMTR Datasheet HTML 51Page - STMicroelectronics LSM6DSMTR Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 113 page
background image
Auxiliary SPI configurations
LSM6DSM
48/113
DocID028165 Rev 2
8
Auxiliary SPI configurations
When the LSM6DSM is configured in Mode3, the auxiliary SPI can be connected to a
camera module for OIS/EIS support.
The gyroscope filtering chain is illustrated in the following figure.
Figure 21. Gyroscope chain
Note:
HP_EN_OIS is active to select HPF on the auxiliary SPI chain only if HPF is not already
used in the primary interface.
The auxiliary interface needs to be enabled in CTRL_OIS (70h).
Gyroscope output values are in registers 22h to 27h with selected full scale (FS[1:0]_G_OIS
bit in CTRL_OIS (70h)) and ODR at 6.66 kHz.
LPF1 configuration depends on the setting of the FTYPE_[1;0] _OIS bit in register
CTRL2_OIS (71h).
In this interface, the SPI can write only to the dedicated registers (CTRL_OIS (70h),
CTRL2_OIS (71h)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com