Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSMTR Datasheet(PDF) 77 Page - STMicroelectronics

Part # LSM6DSMTR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSMTR Datasheet(HTML) 77 Page - STMicroelectronics

Back Button LSM6DSMTR Datasheet HTML 73Page - STMicroelectronics LSM6DSMTR Datasheet HTML 74Page - STMicroelectronics LSM6DSMTR Datasheet HTML 75Page - STMicroelectronics LSM6DSMTR Datasheet HTML 76Page - STMicroelectronics LSM6DSMTR Datasheet HTML 77Page - STMicroelectronics LSM6DSMTR Datasheet HTML 78Page - STMicroelectronics LSM6DSMTR Datasheet HTML 79Page - STMicroelectronics LSM6DSMTR Datasheet HTML 80Page - STMicroelectronics LSM6DSMTR Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 113 page
background image
DocID028165 Rev 2
77/113
LSM6DSM
Register description
113
10.44
SENSORHUB4_REG (31h)
Fourth byte associated to external sensors. The content of the register is consistent with the
SLAVEx_CONFIG number of read operation configurations (for external sensors from x = 0
to x = 3).
10.45
SENSORHUB5_REG (32h)
Fifth byte associated to external sensors. The content of the register is consistent with the
SLAVEx_CONFIG number of read operation configurations (for external sensors from x = 0
to x = 3).
10.46
SENSORHUB6_REG (33h)
Sixth byte associated to external sensors. The content of the register is consistent with the
SLAVEx_CONFIG number of read operation configurations (for external sensors from x = 0
to x = 3).
10.47
SENSORHUB7_REG (34h)
Seventh byte associated to external sensors. The content of the register is consistent with
the SLAVEx_CONFIG number of read operation configurations (for external sensors from
x = 0 to x = 3).
Table 121. SENSORHUB4_REG register
SHub4_7
SHub4_6
SHub4_5
SHub4_4
SHub4_3
SHub4_2
SHub4_1
SHub4_0
Table 122. SENSORHUB4_REG register description
SHub4_[7:0]
Fourth byte associated to external sensors
Table 123. SENSORHUB5_REG register
SHub5_7
SHub5_6
SHub5_5
SHub5_4
SHub5_3
SHub5_2
SHub5_1
SHub5_0
Table 124. SENSORHUB5_REG register description
SHub5_[7:0]
Fifth byte associated to external sensors
Table 125. SENSORHUB6_REG register
SHub6_7
SHub6_6
SHub6_5
SHub6_4
SHub6_3
SHub6_2
SHub6_1
SHub6_0
Table 126. SENSORHUB6_REG register description
SHub6_[7:0]
Sixth byte associated to external sensors
Table 127. SENSORHUB7_REG register
SHub7_7
SHub7_6
SHub7_5
SHub7_4
SHub7_3
SHub7_2
SHub7_1
SHub7_0
Table 128. SENSORHUB7_REG register description
SHub7_[7:0]
Seventh byte associated to external sensors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com