Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSMTR Datasheet(PDF) 94 Page - STMicroelectronics

Part # LSM6DSMTR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSMTR Datasheet(HTML) 94 Page - STMicroelectronics

Back Button LSM6DSMTR Datasheet HTML 90Page - STMicroelectronics LSM6DSMTR Datasheet HTML 91Page - STMicroelectronics LSM6DSMTR Datasheet HTML 92Page - STMicroelectronics LSM6DSMTR Datasheet HTML 93Page - STMicroelectronics LSM6DSMTR Datasheet HTML 94Page - STMicroelectronics LSM6DSMTR Datasheet HTML 95Page - STMicroelectronics LSM6DSMTR Datasheet HTML 96Page - STMicroelectronics LSM6DSMTR Datasheet HTML 97Page - STMicroelectronics LSM6DSMTR Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 113 page
background image
Register description
LSM6DSM
94/113
DocID028165 Rev 2
10.92
CTRL3_OIS (72h)
Table 221. CTRL3_OIS register
DEN_LH
_OIS
FS1_XL
_OIS
FS0_XL_
OIS
FILTER_XL_C
ONF_OIS_1
FILTER_XL_
CONF_OIS_
0
ST1_OIS ST0_OIS
ST_OIS_
CLAMPDIS
Table 222. CTRL3_OIS register description
DEN_LH_OIS
Polarity of DEN signal on OIS chain
(0 = DEN pin is active low;
1 = DEN pin is active high)
FS[1:0]_XL_OIS
Accelerometer OIS channel full-scale selection
00 = 2g (default)
01 = 16g
10 = 4g
11 = 8g
These two bits act only when the accelerometer UI chain is in
power-down, otherwise the accelerometer FS value is selected
only from the UI side (but it is readable also from the OIS side).
FILTER_XL_CONF_OIS [1:0]
Accelerometer OIS channel bandwidth selection (see Table 223)
ST[1:0]_OIS
Gyroscope OIS chain self-test selection
Table 224 lists the output variation when the self-test is enabled
and ST_OIS_CLAMPDIS = '0'
00 = Normal mode (default)
01 = Positive sign self-test
10 = Normal mode
11 = Negative sign self-test
ST_OIS_CLAMPDIS
OIS chain clamp disable
0 = All OIS chain outputs = 8000h during self-test
1 = OIS chain self-test outputs as shown in Table 224
Table 223. Accelerometer OIS channel bandwidth selection
FILTER_XL_
CONF_OIS [1:0]
ODR_UI = 0
ODR UI ≥ 1600 Hz
ODR UI ≤ 800 Hz
BW
Phase delay(1)
1. Phase delay @ 20 Hz
BW
Phase delay(1)
00
140 Hz
9.39°
128 Hz
11.5°
01
68.2 Hz
17.6°
66.5 Hz
19.7°
10
636 Hz
2.96°
329 Hz
5.08°
11
295 Hz
5.12°
222 Hz
7.23°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com