Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSMTR Datasheet(PDF) 66 Page - STMicroelectronics

Part # LSM6DSMTR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSMTR Datasheet(HTML) 66 Page - STMicroelectronics

Back Button LSM6DSMTR Datasheet HTML 62Page - STMicroelectronics LSM6DSMTR Datasheet HTML 63Page - STMicroelectronics LSM6DSMTR Datasheet HTML 64Page - STMicroelectronics LSM6DSMTR Datasheet HTML 65Page - STMicroelectronics LSM6DSMTR Datasheet HTML 66Page - STMicroelectronics LSM6DSMTR Datasheet HTML 67Page - STMicroelectronics LSM6DSMTR Datasheet HTML 68Page - STMicroelectronics LSM6DSMTR Datasheet HTML 69Page - STMicroelectronics LSM6DSMTR Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 113 page
background image
Register description
LSM6DSM
66/113
DocID028165 Rev 2
10.19
CTRL7_G (16h)
Angular rate sensor control register 7 (r/w).
10.20
CTRL8_XL (17h)
Linear acceleration sensor control register 8 (r/w).
Table 67. CTRL7_G register
G_HM_MODE
HP_EN_G
HPM1_G
HPM0_G
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
ROUNDING_
STATUS
0(1)
0(1)
Table 68. CTRL7_G register description
G_HM_MODE
High-performance operating mode disable for gyroscope(1). Default: 0
(0: high-performance operating mode enabled;
1: high-performance operating mode disabled)
HP_EN_G
Gyroscope digital high-pass filter enable. The filter is enabled only if the gyro is in HP
mode. Default value: 0
(0: HPF disabled; 1: HPF enabled)
HPM_G[1:0]
Gyroscope digital HP filter cutoff selection. Default: 00
(00 = 16 mHz
01 = 65 mHz
10 = 260 mHz
11 = 1.04 Hz)
ROUNDING_
STATUS
Source register rounding function on WAKE_UP_SRC (1Bh), TAP_SRC (1Ch),
D6D_SRC (1Dh), STATUS_REG (1Eh), and FUNC_SRC (53h) registers in the
primary interface.
Default value: 0
(0: Rounding disabled; 1: Rounding enabled)
Table 69. CTRL8_XL register
LPF2_XL_
EN
HPCF_
XL1
HPCF_
XL0
HP_REF
_MODE
INPUT_
COMPO
SITE
HP_SLOPE_X
L_EN
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
LOW_PASS
_ON_6D
Table 70. CTRL8_XL register description
LPF2_XL_EN
Accelerometer low-pass filter LPF2 selection. Refer to Figure 9.
HPCF_XL[1:0]
Accelerometer LPF2 and high-pass filter configuration and cutoff
setting. Refer to Table 71.
HP_REF_MODE
Enable HP filter reference mode. Default value: 0
(0: disabled; 1: enabled)
INPUT_COMPOSITE
Composite filter input selection. Default: 0
(0: ODR/2 low pass filtered sent to composite filter (default)
1: ODR/4 low pass filtered sent to composite filter)
HP_SLOPE_XL_EN
Accelerometer slope filter / high-pass filter selection. Refer to Figure 9.
LOW_PASS_ON_6D
LPF2 on 6D function selection. Refer to Figure 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com