Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSMTR Datasheet(PDF) 67 Page - STMicroelectronics

Part # LSM6DSMTR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSMTR Datasheet(HTML) 67 Page - STMicroelectronics

Back Button LSM6DSMTR Datasheet HTML 63Page - STMicroelectronics LSM6DSMTR Datasheet HTML 64Page - STMicroelectronics LSM6DSMTR Datasheet HTML 65Page - STMicroelectronics LSM6DSMTR Datasheet HTML 66Page - STMicroelectronics LSM6DSMTR Datasheet HTML 67Page - STMicroelectronics LSM6DSMTR Datasheet HTML 68Page - STMicroelectronics LSM6DSMTR Datasheet HTML 69Page - STMicroelectronics LSM6DSMTR Datasheet HTML 70Page - STMicroelectronics LSM6DSMTR Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 113 page
background image
DocID028165 Rev 2
67/113
LSM6DSM
Register description
113
10.21
CTRL9_XL (18h)
Linear acceleration sensor control register 9 (r/w).
Table 71. Accelerometer bandwidth selection
HP_SLOPE_
XL_EN
LPF2_XL_EN LPF1_BW_SEL HPCF_XL[1:0]
INPUT_
COMPOSITE
Bandwidth
0
(low-pass path)(1)
1. The bandwidth column is related to LPF1 if LPF2_XL_EN = 0 or to LPF2 if LPF2_XL_EN = 1.
0
0
-
-
ODR/2
1
-
-
ODR/4
1-
00
1 (low noise)
0 (low latency)
ODR/50
01
ODR/100
10
ODR/9
11
ODR/400
1
(high-pass path)(2)
2. The bandwidth column is related to the slope filter if HPCF_XL[1:0] = 00 or to the HP filter if
HPCF_XL[1:0] = 01/10/11.
--
00
0
ODR/4
01
ODR/100
10
ODR/9
11
ODR/400
Table 72. CTRL9_XL register
DEN_X
DEN_Y
DEN_Z
DEN_XL_G
0(1)
SOFT_EN
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
Table 73. CTRL9_XL register description
DEN_X
DEN value stored in LSB of X-axis. Default value: 1
(0: DEN not stored in X-axis LSB; 1: DEN stored in X-axis LSB)
DEN_Y
DEN value stored in LSB of Y-axis. Default value: 1
(0: DEN not stored in Y-axis LSB; 1: DEN stored in Y-axis LSB)
DEN_Z
DEN value stored in LSB of Z-axis. Default value: 1
(0: DEN not stored in Z-axis LSB; 1: DEN stored in Z-axis LSB)
DEN_XL_G
DEN stamping sensor selection. Default value: 0
(0: DEN pin info stamped in the gyroscope axis selected by bits [7:5];
1: DEN pin info stamped in the accelerometer axis selected by bits [7:5])
SOFT_EN
Enable soft-iron correction algorithm for magnetometer(1). Default value: 0
(0: soft-iron correction algorithm disabled;
1: soft-iron correction algorithm enabled)
1. This bit is effective if the IRON_EN bit of MASTER_CONFIG (1Ah) and FUNC_EN bit of CTRL10_C (19h)
are set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com