Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSMTR Datasheet(PDF) 23 Page - STMicroelectronics

Part # LSM6DSMTR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSMTR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button LSM6DSMTR Datasheet HTML 19Page - STMicroelectronics LSM6DSMTR Datasheet HTML 20Page - STMicroelectronics LSM6DSMTR Datasheet HTML 21Page - STMicroelectronics LSM6DSMTR Datasheet HTML 22Page - STMicroelectronics LSM6DSMTR Datasheet HTML 23Page - STMicroelectronics LSM6DSMTR Datasheet HTML 24Page - STMicroelectronics LSM6DSMTR Datasheet HTML 25Page - STMicroelectronics LSM6DSMTR Datasheet HTML 26Page - STMicroelectronics LSM6DSMTR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 113 page
background image
DocID028165 Rev 2
23/113
LSM6DSM
Module specifications
113
4.2
Electrical characteristics
@ Vdd = 1.8 V, T = 25 °C unless otherwise noted.
Table 4. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
1. Typical specifications are not guaranteed.
Max.
Unit
Vdd
Supply voltage
1.71
1.8
3.6
V
Vdd_IO
Power supply for I/O
1.62
Vdd + 0.1
V
IddHP
Gyroscope and accelerometer
current consumption
in high-performance mode
ODR = 1.6 kHz
0.65
mA
IddNM
Gyroscope and accelerometer
current consumption
in normal mode
ODR = 208 Hz
0.45
mA
IddLP
Gyroscope and accelerometer
current consumption
in low-power mode
ODR = 52 Hz
0.29
mA
LA_IddHP
Accelerometer current
consumption
in high-performance mode
ODR < 1.6 kHz
ODR ≥ 1.6 kHz
150
160
μA
LA_IddNM
Accelerometer current
consumption in normal mode
ODR = 208 Hz
85
μA
LA_IddLM
Accelerometer current
consumption in low-power mode
ODR = 52 Hz
ODR = 12.5 Hz
ODR = 1.6 Hz
25
9
4.5
μA
IddPD
Gyroscope and accelerometer
current consumption during
power-down
3
μA
Ton
Turn-on time
35
ms
VIH
Digital high-level input voltage
0.7 *
VDD_IO
V
VIL
Digital low-level input voltage
0.3 *
VDD_IO
V
VOH
High-level output voltage
IOH = 4 mA (2)
2. 4 mA is the maximum driving capability, i.e. the maximum DC current that can be sourced/sunk by the digital pad in order to
guarantee the correct digital output voltage levels VOH and VOL.
VDD_IO -
0.2
V
VOL
Low-level output voltage
IOL = 4 mA (2)
0.2
V
Top
Operating temperature range
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com