Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSMTR Datasheet(PDF) 58 Page - STMicroelectronics

Part # LSM6DSMTR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSMTR Datasheet(HTML) 58 Page - STMicroelectronics

Back Button LSM6DSMTR Datasheet HTML 54Page - STMicroelectronics LSM6DSMTR Datasheet HTML 55Page - STMicroelectronics LSM6DSMTR Datasheet HTML 56Page - STMicroelectronics LSM6DSMTR Datasheet HTML 57Page - STMicroelectronics LSM6DSMTR Datasheet HTML 58Page - STMicroelectronics LSM6DSMTR Datasheet HTML 59Page - STMicroelectronics LSM6DSMTR Datasheet HTML 60Page - STMicroelectronics LSM6DSMTR Datasheet HTML 61Page - STMicroelectronics LSM6DSMTR Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 113 page
background image
Register description
LSM6DSM
58/113
DocID028165 Rev 2
10.9
DRDY_PULSE_CFG (0Bh)
Angular rate sensor sign and orientation register (r/w).
Table 41. DRDY_PULSE_CFG register
Table 42. DRDY_PULSE_CFG register description
10.10
INT1_CTRL (0Dh)
INT1 pad control register (r/w).
Each bit in this register enables a signal to be carried through INT1. The pad’s output will
supply the OR combination of the selected signals.
Table 43. INT1_CTRL register
Table 44. INT1_CTRL register description
dataready
_pulsed
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
0(1)
0(1)
0(1)
0(1)
0(1)
0(1)
dataready_
pulsed
Enable pulsed DataReady mode. Default: 0
(0: Dataready latched mode. Returns to 0 only after an interface reading;
1: Dataready pulsed mode. The dataready are pulses 75 μs long.)
INT1_STEP_
DETECTOR
INT1_SIGN
_MOT
INT1_FULL
_FLAG
INT1_
FIFO_OVR
INT1_
FTH
INT1_
BOOT
INT1_
DRDY_G
INT1_
DRDY_XL
INT1_ STEP_
DETECTOR
Pedometer step recognition interrupt enable on INT1 pad. Default value: 0
(0: disabled; 1: enabled)
INT1_SIGN_MOT
Significant motion interrupt enable on INT1 pad. Default value: 0
(0: disabled; 1: enabled)
INT1_FULL_FLAG
FIFO full flag interrupt enable on INT1 pad. Default value: 0
(0: disabled; 1: enabled)
INT1_FIFO_OVR
FIFO overrun interrupt on INT1 pad. Default value: 0
(0: disabled; 1: enabled)
INT1_FTH
FIFO threshold interrupt on INT1 pad. Default value: 0
(0: disabled; 1: enabled)
INT1_ BOOT
Boot status available on INT1 pad. Default value: 0
(0: disabled; 1: enabled)
INT1_DRDY_G
Gyroscope Data Ready on INT1 pad. Default value: 0
(0: disabled; 1: enabled)
INT1_DRDY_XL
Accelerometer Data Ready on INT1 pad. Default value: 0
(0: disabled; 1: enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com