Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM6DSMTR Datasheet(PDF) 30 Page - STMicroelectronics

Part # LSM6DSMTR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSMTR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LSM6DSMTR Datasheet HTML 26Page - STMicroelectronics LSM6DSMTR Datasheet HTML 27Page - STMicroelectronics LSM6DSMTR Datasheet HTML 28Page - STMicroelectronics LSM6DSMTR Datasheet HTML 29Page - STMicroelectronics LSM6DSMTR Datasheet HTML 30Page - STMicroelectronics LSM6DSMTR Datasheet HTML 31Page - STMicroelectronics LSM6DSMTR Datasheet HTML 32Page - STMicroelectronics LSM6DSMTR Datasheet HTML 33Page - STMicroelectronics LSM6DSMTR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 113 page
background image
Functionality
LSM6DSM
30/113
DocID028165 Rev 2
5.4
Block diagram of filters
Figure 5. Block diagram of filters
5.4.1
Block diagrams of the gyroscope filters
In the LSM6DSM, the gyroscope filtering chain depends on the mode configuration:
1.
Mode1 (for User Interface (UI) and Electronic Image Stabilization (EIS) functionality
through primary interface) and Mode2
Figure 6. Gyroscope digital chain - Mode 1 (UI/EIS) and Mode 2
In this configuration, the gyroscope ODR is selectable from 12.5 Hz up to 6.66 kHz. A low-
pass filter (LPF1) is available if the auxiliary SPI is disabled, for more details about the filter
characteristics see Table 66: Gyroscope LPF1 bandwidth selection.
Data can be acquired from the output registers and FIFO over the primary I2C/SPI interface.
2.
Mode3 (for OIS and EIS functionality)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com